Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7331CDWR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7331CDWR
Description  Robust EMC, Low Power, Triple-Channel Digital Isolators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7331CDWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button ISO7331CDWR Datasheet HTML 10Page - Texas Instruments ISO7331CDWR Datasheet HTML 11Page - Texas Instruments ISO7331CDWR Datasheet HTML 12Page - Texas Instruments ISO7331CDWR Datasheet HTML 13Page - Texas Instruments ISO7331CDWR Datasheet HTML 14Page - Texas Instruments ISO7331CDWR Datasheet HTML 15Page - Texas Instruments ISO7331CDWR Datasheet HTML 16Page - Texas Instruments ISO7331CDWR Datasheet HTML 17Page - Texas Instruments ISO7331CDWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
ISO7330C, ISO7330FC, ISO7331C, ISO7331FC
SLLSEK9B – JANUARY 2015 – REVISED APRIL 2015
www.ti.com
8.3.1.2 Insulation Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER(1)
TEST CONDITIONS
SPECIFICATION
UNIT
VIOWM
Maximum isolation working voltage
1000
VRMS
Maximum repetitive peak voltage per
VIORM
1414
VPK
DIN V VDE V 0884-10
After Input/Output safety test subgroup 2/3,
VPR = VIORM x 1.2, t = 10 s,
1697
Partial discharge < 5 pC
Method a, After environmental tests subgroup 1,
Input-to-output test voltage per
VPR
VPR = VIORM x 1.6, t = 10 s,
2262
VPK
DIN V VDE V 0884-10
Partial Discharge < 5 pC
Method b1,
VPR = VIORM x 1.875, t = 1 s (100% Production test)
2651
Partial discharge < 5 pC
VTEST = VIOTM
Maximum transient overvoltage per
VIOTM
t = 60 sec (qualification)
4242
VPK
DIN V VDE V 0884-10
t= 1 sec (100% production)
Maximum surge isolation voltage per
Test method per IEC 60065, 1.2/50 µs waveform,
VIOSM
6000
VPK
DIN V VDE V 0884-10
VTEST = 1.3 x VIOSM = 7800 VPK (qualification)
VTEST = VISO = 3000 VRMS, t = 60 sec (qualification)
VISO
Withstand isolation voltage per UL 1577
VTEST = 1.2 x VISO = 3600 VRMS, t = 1 sec (100%
3000
VRMS
production)
RS
Insulation resistance
VIO = 500 V at TS
>109
Ω
Pollution degree
2
(1)
Climatic Classification 40/125/21
Table 1. IEC 60664-1 Ratings Table
PARAMETER
TEST CONDITIONS
SPECIFICATION
Basic isolation group
Material group
II
Rated mains voltage
≤ 300 VRMS
I–IV
Installation classification
Rated mains voltage
≤ 600 VRMS
I–III
Rated mains voltage
≤ 1000 VRMS
I–II
8.3.1.3 Regulatory Information
VDE
CSA
UL
CQC
Certified according to DIN V VDE
Approved under CSA
Recognized under UL 1577
V 0884-10 (VDE V 0884-
Component Acceptance Notice
Certified according to GB4943.1-
Component Recognition
10):2006-12 and DIN EN 61010-1 5A, IEC 60950-1, and IEC
2011
Program
(VDE 0411-1):2011-07
61010-1
800 VRMS Basic Insulation and
Basic Insulation
400 VRMS Reinforced Insulation
Maximum Transient Overvoltage,
working voltage per CSA 60950-
4242 VPK ;
Reinforced Insulation, Altitude
≤
1-07+A1+A2 and IEC 60950-1
Maximum Surge Isolation
Single protection, 3000 VRMS
(1)
5000 m, Tropical Climate, 250
2nd Ed.+A1+A2;
Voltage, 6000 VPK;
VRMS maximum working voltage
300 VRMS Basic Insulation
Maximum Repetitive Peak
working voltage per CSA 61010-
Isolation Voltage', 1414 VPK
1-12 and IEC 61010-1 3rd Ed.
Certificate number:
Certificate number: 40016131
Master contract number: 220991 File number: E181974
CQC15001121716
(1)
Production tested
≥ 3600 VRMS for 1 second in accordance with UL 1577.
14
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ISO7330C ISO7330FC ISO7331C ISO7331FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com