Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7331CDWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7331CDWR
Description  Robust EMC, Low Power, Triple-Channel Digital Isolators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7331CDWR Datasheet(HTML) 5 Page - Texas Instruments

  ISO7331CDWR Datasheet HTML 1Page - Texas Instruments ISO7331CDWR Datasheet HTML 2Page - Texas Instruments ISO7331CDWR Datasheet HTML 3Page - Texas Instruments ISO7331CDWR Datasheet HTML 4Page - Texas Instruments ISO7331CDWR Datasheet HTML 5Page - Texas Instruments ISO7331CDWR Datasheet HTML 6Page - Texas Instruments ISO7331CDWR Datasheet HTML 7Page - Texas Instruments ISO7331CDWR Datasheet HTML 8Page - Texas Instruments ISO7331CDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
ISO7330C, ISO7330FC, ISO7331C, ISO7331FC
www.ti.com
SLLSEK9B – JANUARY 2015 – REVISED APRIL 2015
6.5 Electrical Characteristics
VCC1 and VCC2 at 5 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –4 mA; see Figure 11
VCCO
(1)– 0.5
4.7
VOH
High-level output voltage
V
IOH = –20 μA; see Figure 11
VCCO
(1) – 0.1
5
IOL = 4 mA; see Figure 11
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 μA; see Figure 11
0
0.1
VI(HYS)
Input threshold voltage hysteresis
480
mV
IIH
High-level input current
IN = VCC
10
μA
IIL
Low-level input current
IN = 0 V
–10
μA
CMTI
Common-mode transient immunity
VI = VCC or 0 V; see Figure 14.
25
70
kV/
μs
SUPPLY CURRENT (All inputs switching with square wave clock signal for dynamic ICC measurement)
ISO7330
ICC1
0.5
1.1
VI = VCC or 0 V,
Disable
EN = 0 V
ICC2
0.4
0.9
ICC1
0.5
1.1
DC Input: VI = VCC or 0 V,
DC to 1 Mbps
AC Input: CL = 15pF
ICC2
2.6
4.2
Supply current for VCC1 and VCC2
mA
ICC1
1.1
1.9
10 Mbps
CL = 15pF
ICC2
4.3
6
ICC1
2.1
3.3
25 Mbps
CL = 15pF
ICC2
7
9.3
ISO7331
ICC1
0.7
1.6
VI = VCC or 0 V,
Disable
EN1 = EN2 = 0 V
ICC2
0.7
1.3
ICC1
1.8
3
DC Input: VI = VCC or 0 V,
DC to 1 Mbps
AC Input: CL = 15pF
ICC2
2.4
3.6
Supply current for VCC1 and VCC2
mA
ICC1
2.8
4.1
10 Mbps
CL = 15pF
ICC2
3.8
5.1
ICC1
4.3
6.2
25 Mbps
CL = 15pF
ICC2
5.8
7.8
(1)
VCCO is supply voltage, VCC1 or VCC2, for the output channel being measured.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ISO7330C ISO7330FC ISO7331C ISO7331FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com