Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD6830 Datasheet(PDF) 25 Page - AUK corp

Part # SD6830
Description  4BIT MICROCONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD6830 Datasheet(HTML) 25 Page - AUK corp

Back Button SD6830 Datasheet HTML 21Page - AUK corp SD6830 Datasheet HTML 22Page - AUK corp SD6830 Datasheet HTML 23Page - AUK corp SD6830 Datasheet HTML 24Page - AUK corp SD6830 Datasheet HTML 25Page - AUK corp SD6830 Datasheet HTML 26Page - AUK corp SD6830 Datasheet HTML 27Page - AUK corp SD6830 Datasheet HTML 28Page - AUK corp SD6830 Datasheet HTML 29Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
KSI-W002-000
25
JMP addr
Binary code
: 10xxxxxx
Syntax
: [<label>] JMP addr
Operation
: (PCL) ← addr, addr = 00 ~ 3F ( addr must be hexadecimal number )
Flags
: CY : Unaffected
SF : Unaffected
Words/Cycles
: 1/1
Description
: Jumps unconditionally to the indicated address. The indicated address
must be within the current page.
Example
: JMP
2EF ; Jump unconditionally to the 2EF. The 2EF address must be
within the current page.
JMPL addr
Binary code
: 010101xx
xxxxxxxx
Syntax
: [<label>] JMPL addr
Operation
: (PC) ← addr, addr = 000 ~ 3FF (addr must be hexadecimal number. )
Flags
: CY : Unaffected
SF : Unaffected
Words/Cycles : 2/2
Description
: Jumps unconditionally to the indicated address. The indicated address
can be anywhere in the full 1K-byte memory space.
Example
: JMPL
100 ; Jump unconditionally to 100
LDA @HL
Binary code
: 00100011
Syntax
: [<label>] LDA @HL
Operation
: (A) ← M[(HL)]
Flags
: CY : Unaffected
SF : Unaffected
Words/Cycles : 1/1
Description
: Loads the contents of memory addressed by registers H and L into the
accumulator.
Example
: SETB
H
;
Set H to 1
LDL
0
;
Load 0 to L
LDA
@HL ;
Load M[(10)] into A
SD6830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com