Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD6830 Datasheet(PDF) 15 Page - AUK corp

Part # SD6830
Description  4BIT MICROCONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD6830 Datasheet(HTML) 15 Page - AUK corp

Back Button SD6830 Datasheet HTML 11Page - AUK corp SD6830 Datasheet HTML 12Page - AUK corp SD6830 Datasheet HTML 13Page - AUK corp SD6830 Datasheet HTML 14Page - AUK corp SD6830 Datasheet HTML 15Page - AUK corp SD6830 Datasheet HTML 16Page - AUK corp SD6830 Datasheet HTML 17Page - AUK corp SD6830 Datasheet HTML 18Page - AUK corp SD6830 Datasheet HTML 19Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
KSI-W002-000
15
7.2 Recommended operating conditions
(V
DD = 3V ± 10%, Ta=-20 ~ 70 ℃, unless otherwise noted)
Symbols
Parameters
Min.
Typ.
Max.
Units
V
DD
Supply Voltage
1.8
3.6
V
V
IH1
"H" input Voltage, all input pins
except OSCIN
0.7V
DD
V
DD
V
DD
-V
V
IH2
"H" input Voltage, OSCIN
V
DD-0.3
V
DD
V
DD
V
V
IL1
"L" input Voltage, all input pins
except OSCIN
0
0
0.3 V
DD
V
V
IL2
"L" input Voltage, OSCIN
0
0
0.3
V
Non-divide
option
250
1000
KHz
F
OSC
Oscillating
frequency
Divide-8 option
2
6
MHz
7.3 Electrical characteristics
(V
DD = 3V ± 10%, Ta= 25℃ , unless otherwise noted)
Symbols
Parameters
Test Conditions
Min.
Typ. Max. Units
250KHz≤F
OSC≤3.9MHz
1.8
3.0
3.6
V
V
DD
Supply Voltage
3.9MHz≤F
OSC≤6.0MHz
2.2
3.0
3.6
V
I
OH
"H" output current
V
O = 2.0V, Port C
-6
-9
-14
mA
I
OL0
"L" output current
V
O = 0.4V, Port C
1.5
3
4.5
mA
I
OL1
V
O = 0.4V, Port C
180
210
240
mA
I
OL2
V
O = 0.4V, Port F
0.5
1.0
2.0
mA
I
OL3
"L" output current
V
O = 0.4V, Port G/K
1.5
3.0
4.5
mA
I
LIH1
V
I = VDD, Port D/E
-
-
3
㎂
I
LIH2
"H" input leakage current
V
I = VDD, OSCIN
-
3
10
㎂
I
LIL
"L" input leakage current
V
I = VSS, OSCIN
-0.6
-3
-10
㎂
I
LOH
"H"output leakage current
V
O = VDD, Port C/F/G/K
-
-
1
㎂
R
PULL-UP
Pull-up resistance of input Port
V
I = 0V, VDD=3V
30
70
150
KΩ
I
DD
Supply current at normal mode
0.5
1.0
mA
I
DDS
Supply current at stop mode
1.0
㎂
F
SYS
Clock frequency
250
1000
KHz
Non-divide option
250
1000
KHz
F
OSC
Oscillator frequency
Divide-8 option
2
6
MHz
SD6830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com