Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD6830 Datasheet(PDF) 34 Page - AUK corp

Part # SD6830
Description  4BIT MICROCONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD6830 Datasheet(HTML) 34 Page - AUK corp

Back Button SD6830 Datasheet HTML 26Page - AUK corp SD6830 Datasheet HTML 27Page - AUK corp SD6830 Datasheet HTML 28Page - AUK corp SD6830 Datasheet HTML 29Page - AUK corp SD6830 Datasheet HTML 30Page - AUK corp SD6830 Datasheet HTML 31Page - AUK corp SD6830 Datasheet HTML 32Page - AUK corp SD6830 Datasheet HTML 33Page - AUK corp SD6830 Datasheet HTML 34Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
KSI-W002-000
34
STOP
Binary code
:
00000001
Syntax
:
[<label>] STOP
Operation
:
Stop the oscillation of the oscillator, and reset PORT F to zero
Flags
:
CY : Unaffected
SF : Unaffected
Words/Cycles
:
1/1
Description
:
Stops the oscillation of the oscillator.
Example
:
STOP
XCH @HL
Binary code
:
00100001
Syntax
:
[<label>] XCH @HL
Operation
:
(A) ↔ M[(H,L)]
Flags
:
CY : Unaffected SF : Unaffected
Words/Cycles
:
1/1
Description
:
Exchanges the accumulator with the contents of the data memory
addressed by registers H and L without going through an
intermediate location.
Example
: LDL
3
;
Load 3 to L
SETB
H
; Set H to one
XCH
@HL ; Exchanges the contents of A with M[(13)] without
going through an intermediate location
XCH @HL+
Binary code
:
00100000
Syntax
:
[<label>] XCH @HL+
Operation
:
(A) ↔ M[(H,L)], (L) ← (L) + 1
Flags
:
CY : Unaffected
SF: As a result of execution, set to one if the contents of register L are
zero, cleared otherwise
Words/Cycles
:
1/1
Description
:
Exchanges the accumulator with the contents of the data memory
addressed by registers H and L without going through an intermediate
location. As a result of execution, the contents of register L are
incremented by one.
Example
:
SETB
H
;
LDL
15
; Load 15 into L
CH @HL+
; Exchanges A with M[(1F)] without going through an
intermediate location. As a result of execution, the
contents of L are “0”
JMP
055
; It is skipped because L is “0”
JMP
065
; Jump to 065
SD6830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com