Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD6830 Datasheet(PDF) 29 Page - AUK corp

Part # SD6830
Description  4BIT MICROCONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD6830 Datasheet(HTML) 29 Page - AUK corp

Back Button SD6830 Datasheet HTML 25Page - AUK corp SD6830 Datasheet HTML 26Page - AUK corp SD6830 Datasheet HTML 27Page - AUK corp SD6830 Datasheet HTML 28Page - AUK corp SD6830 Datasheet HTML 29Page - AUK corp SD6830 Datasheet HTML 30Page - AUK corp SD6830 Datasheet HTML 31Page - AUK corp SD6830 Datasheet HTML 32Page - AUK corp SD6830 Datasheet HTML 33Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
KSI-W002-000
29
NOT
Binary code
:
00010111
Syntax
:
[<label>] NOT
Operation
:
(A) ← /(A)
Flags
:
CY : Unaffected
SF : Unaffected
Words/Cycles :
1/1
Description
:
The contents of accumulator are 1
Example
:
LDA 7
NOT
; 1’s complement 7, then leaves 8 in A
RET
Binary code
: 00011101
Syntax
: [<label>] RET
Operation
: (PC) ← (SK0), (SK0) ← (SK1)
Flags
: CY: Unaffected
SF: Unaffected
Words/Cycles : 1/1
Description
: Returns from the subroutine to main routine.
Example
: RET ; Returns from the subroutine to main routine
RRC
Binary code
: 00010011
Syntax
: [<label>] RRC
Operation
: (A.b) ← (A.b+1) (A.3) ← (CY) (CY) ← (A.0)
Flags
: CY : Set to bit 0 of the accumulator
SF : Unaffected
Words/Cycles : 1/1
Description
: Shifts the contents of accumulator 1-bit to the right through the carry.
The carry bit content shifts into the bit 3 of accumulator, and the bit 0 of
accumulator is shifted into the carry bit.
Example
: SETB CY ; Set CY to one.
LDA
5
; Load 5 to A
RRC
; CY becomes zero, and the contents of A is 11
SD6830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com