Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD6830 Datasheet(PDF) 14 Page - AUK corp

Part # SD6830
Description  4BIT MICROCONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SD6830 Datasheet(HTML) 14 Page - AUK corp

Back Button SD6830 Datasheet HTML 10Page - AUK corp SD6830 Datasheet HTML 11Page - AUK corp SD6830 Datasheet HTML 12Page - AUK corp SD6830 Datasheet HTML 13Page - AUK corp SD6830 Datasheet HTML 14Page - AUK corp SD6830 Datasheet HTML 15Page - AUK corp SD6830 Datasheet HTML 16Page - AUK corp SD6830 Datasheet HTML 17Page - AUK corp SD6830 Datasheet HTML 18Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
KSI-W002-000
14
Figure 6-6. Rest structure and Release Timing for STOP Mode to Normal Mode
6.14 OSC Divide Option
The OSC divide option provides a maximum 1MHz system clock (F
SYS). FOSC
which is
generated in oscillation circuit is divided eight or non-divide to produce F
SYS.
This dividing ratio will be selected by mask option.
F
OSC : Oscillator clock,
F
SYS : System clock (FOSC or FOSC/8)
Figure 6-7 OSC Divide Option
7. Electrical Specifications
7.1 Absolute maximum ratings
Symbols
Parameters
Conditions
Ratings
Units
V
DD
Supply Voltage
-0.3 ~ 6.0
V
V
I
Input Voltage
-0.3 ~ V
DD + 0.3
V
V
O
Output Voltage
Ta=25℃
-0.3 ~ V
DD + 0.3
V
T
OPR
Operating temperature
-
-20 ~ 85
℃
T
STG
Storage Temperature
-
-40 ~ 125
℃
SD6830
Internal
/STOP
Key input
( PORT D or
PORT E )
OSCOUT
STOP instruction
27mS(Min.)
Normal
mode
Stop
mode
Stop
mode
VDD
PORT D
PORT E
4
4
STOP
RESET
STOP
instruction
internal /POR
WDT overflow
DMC6830
OSC
DIVIDE-8
MASK OPTION
OSC OUT
FOSC
F SYS
OSC IN
SD6830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com