Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DILEM4-G Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DILEM4-G
Description  Mini Contactors for Motors and Resistive Loads
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DILEM4-G Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DILEM4-G Datasheet HTML 1Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 2Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 3Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 4Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 5Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 6Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 7Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 8Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
02/13/2015
012701 - HPL-ED2014 V9.0 EN
3 / 12
at 55 °C
Ith=Ie
A
19
enclosed
Ith
A
16
Notes
 
 
At maximum permissible ambient air temperature.
Conventional free air thermal current, 1 pole
 
 
 
Notes
 
 
At maximum permissible ambient air temperature.
open
Ith
A
60
enclosed
Ith
A
50
AC-3
 
 
 
Rated operational current
 
 
 
Open, 3-pole: 50 – 60 Hz
 
 
 
Notes
 
 
At maximum permissible ambient air temperature.
220 V 230 V
Ie
A
9
240 V
Ie
A
9
380 V 400 V
Ie
A
9
415 V
Ie
A
9
440V
Ie
A
9
500 V
Ie
A
6.4
660 V 690 V
Ie
A
4.8
Motor rating
P
kWh
 
220 V 230 V
P
kW
2.2
240V
P
kW
2.5
380 V 400 V
P
kW
4
415 V
P
kW
4.3
440 V
P
kW
4.6
500 V
P
kW
4
660 V 690 V
P
kW
4
AC-4
 
 
 
Rated operational current
 
 
 
Open, 3-pole: 50 – 60 Hz
 
 
 
Notes
 
 
At maximum permissible ambient air temperature.
220 V 230 V
Ie
A
6.6
240 V
Ie
A
6.6
380 V 400 V
Ie
A
6.6
415 V
Ie
A
6.6
440 V
Ie
A
6.6
500 V
Ie
A
5
660 V 690 V
Ie
A
3.4
Motor rating
P
kWh
 
220 V 230 V
P
kW
1.5
240 V
P
kW
1.8
380 V 400 V
P
kW
3
415 V
P
kW
3.1
440 V
P
kW
3.3
500 V
P
kW
3
660 V 690 V
P
kW
3
DC
Rated operational current open
 
 
 
DC - -1
 
 
 
12 V
Ie
A
20
24 V
Ie
A
20
60 V
Ie
A
20
110 V
Ie
A
20
220 V
Ie
A
20
DC - 3
 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com