Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DILEM4-G Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DILEM4-G
Description  Mini Contactors for Motors and Resistive Loads
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DILEM4-G Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DILEM4-G Datasheet HTML 1Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 2Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 3Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 4Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 5Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 6Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 7Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 8Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
02/13/2015
012701 - HPL-ED2014 V9.0 EN
5 / 12
2
60 V
A
2.5
3
100 V
A
1.5
3
220 V
A
0.5
Conv. thermal current
Ith
A
10
Control circuit reliability
Failure rate λ
<10-8, < one failure at 100 million operations
(at Ue = 24 V DC, Umin = 17 V, Imin = 5.4 mA)
Component lifespan at Ue = 240 V
 
 
 
AC-15
Operations x106 0.2
DC current
 
 
 
L/R = 50 ms: 2 contacts in series at Ie = 0.5 A
Operations x106 0.15
Notes
 
 
Switch-on and switch-off conditions based on DC-13, time constant as specified
Short-circuit rating without welding
 
 
 
Maximum overcurrent protective device
 
 
 
Short-circuit protection only
 
 
PKZM0-4
Short-circuit protection maximum fuse
 
 
 
500 V
 
A gG/gL 6
500 V
 
A fast 10
Current heat loss at a load of Ith per contact
 
W
0.3
Data￿for￿design￿verification￿according￿to￿IEC/EN￿61439
Technical data for design verification
 
 
 
Rated operational current for specified heat dissipation
In
A
22
Heat dissipation per pole, current-dependent
Pvid
W
0.68
Equipment heat dissipation, current-dependent
Pvid
W
0
Static heat dissipation, non-current-dependent
Pvs
W
2.6
Heat dissipation capacity
Pdiss
W
0
IEC/EN 61439 design verification
 
 
 
10.2 Strength of materials and parts
 
 
 
10.2.2 Corrosion resistance
 
 
Meets the product standard's requirements.
10.2.3.1 Verification of thermal stability of enclosures
 
 
Meets the product standard's requirements.
10.2.3.2 Verification of resistance of insulating materials to normal heat
 
 
Meets the product standard's requirements.
10.2.3.3 Verification of resistance of insulating materials to abnormal heat
and fire due to internal electric effects
 
 
Meets the product standard's requirements.
10.2.4 Resistance to ultra-violet (UV) radiation
 
 
Meets the product standard's requirements.
10.2.5 Lifting
 
 
Does not apply, since the entire switchgear needs to be evaluated.
10.2.6 Mechanical impact
 
 
Does not apply, since the entire switchgear needs to be evaluated.
10.2.7 Inscriptions
 
 
Meets the product standard's requirements.
10.3 Degree of protection of ASSEMBLIES
 
 
Does not apply, since the entire switchgear needs to be evaluated.
10.4 Clearances and creepage distances
 
 
Meets the product standard's requirements.
10.5 Protection against electric shock
 
 
Does not apply, since the entire switchgear needs to be evaluated.
10.6 Incorporation of switching devices and components
 
 
Does not apply, since the entire switchgear needs to be evaluated.
10.7 Internal electrical circuits and connections
 
 
Is the panel builder's responsibility.
10.8 Connections for external conductors
 
 
Is the panel builder's responsibility.
10.9 Insulation properties
 
 
 
10.9.2 Power-frequency electric strength
 
 
Is the panel builder's responsibility.
10.9.3 Impulse withstand voltage
 
 
Is the panel builder's responsibility.
10.9.4 Testing of enclosures made of insulating material
 
 
Is the panel builder's responsibility.
10.10 Temperature rise
 
 
The panel builder is responsible for the temperature rise calculation. Eaton will
provide heat dissipation data for the devices.
10.11 Short-circuit rating
 
 
Is the panel builder's responsibility. The specifications for the switchgear must be
observed.
10.12 Electromagnetic compatibility
 
 
Is the panel builder's responsibility. The specifications for the switchgear must be
observed.
10.13 Mechanical function
 
 
The device meets the requirements, provided the information in the instruction
leaflet (IL) is observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com