Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DILEM4-G Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # DILEM4-G
Description  Mini Contactors for Motors and Resistive Loads
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DILEM4-G Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button DILEM4-G Datasheet HTML 4Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 5Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 6Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 7Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 8Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 9Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 10Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 11Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
02/13/2015
012701 - HPL-ED2014 V9.0 EN
10 / 12
Switching duty for non-motor loads, 3-pole, 4-pole
Operating characteristics
Non-inductive or slightly inductive loads
Electrical characteristics
Make: 1 x rated current
Break: 1 x rated current
Utilization category
100 % AC-1
Typical applications
Electric heat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com