Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DILEM4-G Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DILEM4-G
Description  Mini Contactors for Motors and Resistive Loads
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DILEM4-G Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DILEM4-G Datasheet HTML 1Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 2Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 3Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 4Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 5Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 6Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 7Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 8Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
02/13/2015
012701 - HPL-ED2014 V9.0 EN
4 / 12
12 V
Ie
A
8
24 V
Ie
A
8
60 V
Ie
A
4
110 V
Ie
A
3
220 V
Ie
A
1
DC - 5
 
 
 
12 V
Ie
A
2.5
24 V
Ie
A
2.5
60 V
Ie
A
2.5
110 V
Ie
A
2.5
220 V
Ie
A
1
Current heat losses (3- or 4-pole)
 
 
 
to Ith
 
W
4.7
Magnet￿systems
Voltage tolerance
 
 
 
DC operated
 
 
 
Pick-up voltage
 
 
0.85   1.1
Power consumption
 
 
 
DC operation
 
 
 
Power consumption Pick-up = Sealing
 
VA/W 2.6
Notes
 
 
Smoothed DC voltage or three-phase bridge rectifier
Duty factor
 
% DF
100
Switching times at 100 % Uc
 
 
 
Make contact
 
ms
 
Closing delay
 
ms
 
Closing delay min.
 
ms
26
Closing delay max.
 
ms
35
Opening delay
 
ms
 
Opening delay min.
 
ms
15
Opening delay max.
 
ms
25
Closing delay with top mounting auxiliary contact
 
ms
max. 70
Reversing contactors
 
 
 
Changeover time at 110 % Uc
 
 
 
Changeover time min.
 
ms
40
Changeover time max.
 
ms
50
Arcing time at 690 V AC
 
ms
max. 12
Auxiliary￿contacts
Positive operating contacts to EN 60947-5-1 appendix L, including auxiliary contact
module
 
 
Yes
Rated impulse withstand voltage
Uimp
V AC
6000
Overvoltage category/pollution degree
 
 
III/3
Rated insulation voltage
Ui
V AC
690
Rated operational voltage
Ue
V AC
600
Safe isolation to EN 61140
 
 
 
between coil and auxiliary contacts
 
V AC
300
between the auxiliary contacts
 
V AC
300
Rated operational current
 
 
 
AC-15
 
 
 
220 V 240 V
Ie
A
6
380 V 415 V
Ie
A
3
500 V
Ie
A
1.5
DC L/R
15 ms
 
 
 
Contacts in series:
 
A
 
1
24 V
A
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com