Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DILEM4-G Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DILEM4-G
Description  Mini Contactors for Motors and Resistive Loads
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DILEM4-G Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DILEM4-G Datasheet HTML 2Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 3Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 4Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 5Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 6Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 7Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 8Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 9Page - List of Unclassifed Manufacturers DILEM4-G Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
02/13/2015
012701 - HPL-ED2014 V9.0 EN
6 / 12
Technical￿data￿ETIM￿5.0
Low-voltage industrial components (EG000017) / Magnet contactor, AC-switching (EC000066)
Electric engineering, automation, process control engineering / Low-voltage switch technology / Contactor (LV) / Power contactor, AC switching (ecl@ss8-27-37-10-03 [AAB718011])
Rated control supply voltage Us at AC 50HZ
 
V
0 - 0
Rated control supply voltage Us at AC 60HZ
 
V
0 - 0
Rated control supply voltage Us at DC
 
V
24 - 24
Voltage type for actuating
 
 
DC
Rated operation current Ie at AC-1, 400 V
 
A
22
Rated operation current Ie at AC-3, 400 V
 
A
9
Rated operation power at AC-3, 400 V
 
kW
4
Rated operation current Ie at AC-4, 400 V
 
A
6.6
Rated operation power Ie at AC-4, 400 V
 
kW
3
Modular version
 
 
No
Number of auxiliary contacts as normally open contact
 
 
0
Number of auxiliary contacts as normally closed contact
 
 
0
Connection type main current circuit
 
 
Screw connection
Number of normally closed contacts as main contact
 
 
0
Number of main contacts as normally open contact
 
 
4
Approvals
Product Standards
 
 
IEC/EN 60947-4-1; UL 508; CSA-C22.2 No. 14-05; CE marking
UL File No.
 
 
E29096
UL Category Control No.
 
 
NLDX
CSA File No.
 
 
012528
CSA Class No.
 
 
3211-04
North America Certification
 
 
UL listed, CSA certified
Specially designed for North America
 
 
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com