Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3312D Datasheet(PDF) 14 Page - STMicroelectronics

Part # UPSD3312D
Description  fast 8032 MCU with programmable logic
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3312D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UPSD3312D Datasheet HTML 10Page - STMicroelectronics UPSD3312D Datasheet HTML 11Page - STMicroelectronics UPSD3312D Datasheet HTML 12Page - STMicroelectronics UPSD3312D Datasheet HTML 13Page - STMicroelectronics UPSD3312D Datasheet HTML 14Page - STMicroelectronics UPSD3312D Datasheet HTML 15Page - STMicroelectronics UPSD3312D Datasheet HTML 16Page - STMicroelectronics UPSD3312D Datasheet HTML 17Page - STMicroelectronics UPSD3312D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 272 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
List of tables
UPSD33xx
14/272
Doc ID 9685 Rev 7
Table 152.
Port C Enable Out register (address = csiop + offset 1Ah). . . . . . . . . . . . . . . . . . . . . . . . 218
Table 153.
Port D Enable Out register (address = csiop + offset 1Bh). . . . . . . . . . . . . . . . . . . . . . . . 218
Table 154.
Power Management Mode register PMMR0 (address = csiop + offset B0h) . . . . . . . . . . 225
Table 155.
Power Management Mode register PMMR2 (address = csiop + offset B4h) . . . . . . . . . . 226
Table 156.
Power Management Mode register PMMR3 (address = csiop + offset C7h) . . . . . . . . . . 226
Table 157.
Forced Power-down example . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 228
Table 158.
Function status during Power-up Reset, Warm Reset, Power-down mode . . . . . . . . . . . 233
Table 159.
PSD module example, typ. power calculation at VCC = 5.0 V (Turbo mode Off) . . . . . . . 243
Table 160.
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 245
Table 161.
Operating conditions (5 V devices) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 246
Table 162.
Operating conditions (3.3 V devices) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 246
Table 163.
AC signal letters for timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 246
Table 164.
AC signal behavior symbols for timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 247
Table 165.
Major parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 248
Table 166.
Preliminary MCU module DC characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 249
Table 167.
PSD module DC characteristics (with 5 V VDD) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250
Table 168.
PSD module DC characteristics (with 3.3 V VDD). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 251
Table 169.
External PSEN or READ cycle AC Characteristics (3 V or 5 V device) . . . . . . . . . . . . . . 252
Table 170.
n, m, and x, y values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 253
Table 171.
External WRITE cycle AC characteristics (3 V or 5 V device) . . . . . . . . . . . . . . . . . . . . . 253
Table 172.
External clock drive. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 254
Table 173.
A/D analog specification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 254
Table 174.
CPLD combinatorial timing (5 V PSD module) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 255
Table 175.
CPLD combinatorial timing (3 V PSD module) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 255
Table 176.
CPLD macrocell synchronous Clock mode timing (5 V PSD module) . . . . . . . . . . . . . . . 256
Table 177.
CPLD macrocell synchronous Clock mode timing (3 V PSD module) . . . . . . . . . . . . . . . 257
Table 178.
CPLD macrocell asynchronous Clock mode timing (5 V PSD module) . . . . . . . . . . . . . . 258
Table 179.
CPLD macrocell asynchronous Clock mode timing (3timeV PSD module) . . . . . . . . . . . 258
Table 180.
Input macrocell timing (5 V PSD module) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 259
Table 181.
Input macrocell timing (3V PSD module) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 259
Table 182.
Program, WRITE and Erase times (5 V, 3 V PSD modules) . . . . . . . . . . . . . . . . . . . . . . 260
Table 183.
Port A peripheral data mode READ timing (5 V PSD module) . . . . . . . . . . . . . . . . . . . . . 261
Table 184.
Port A peripheral data mode READ Timing (3 V PSD module) . . . . . . . . . . . . . . . . . . . . 261
Table 185.
Port A peripheral data mode WRITE Timing (5 V PSD module). . . . . . . . . . . . . . . . . . . . 262
Table 186.
Port A peripheral data mode WRITE Timing (3 V PSD module). . . . . . . . . . . . . . . . . . . . 262
Table 187.
Supervisor Reset and LVD. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 262
Table 188.
ISC timing (5 V PSD module) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 263
Table 189.
ISC timing (3 V PSD module) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 264
Table 190.
I/O pin capacitance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 265
Table 191.
LQFP52 – 52-lead plastic thin, quad, flat package mechanical data . . . . . . . . . . . . . . . . 267
Table 192.
LQFP80 – 80-lead plastic thin, quad, flat package mechanical data . . . . . . . . . . . . . . . . 268
Table 193.
Ordering information scheme . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 269
Table 194.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 271



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com