Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3415 Datasheet(PDF) 87 Page - ams AG

Part # AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Datasheet(HTML) 87 Page - ams AG

Back Button AS3415 Datasheet HTML 83Page - ams AG AS3415 Datasheet HTML 84Page - ams AG AS3415 Datasheet HTML 85Page - ams AG AS3415 Datasheet HTML 86Page - ams AG AS3415 Datasheet HTML 87Page - ams AG AS3415 Datasheet HTML 88Page - ams AG AS3415 Datasheet HTML 89Page - ams AG AS3415 Datasheet HTML 90Page - ams AG AS3415 Datasheet HTML 91Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 87
P C B La y o ut Recommendation
Microphone
For the microphone preamplifier layout the designer must pay
special attention; the combination of bad layout and gain
values up to +20dB can cause unwanted noise. To minimize
noise, a layout example is shown in Figure 108 which is based
on the schematic shown in Figure 20. All microphone related
components which include DC blocking capacitors, bias
resistors as well as high pass filter components should be placed
according to Figure 108. Once the component placement is
done it is important to route the different ground connections
of all components correctly. For the microphone preamplifier a
local star shaped ground concept should be used, with AGND
pin defined as star point. Basically we have two important
ground pairs. The first are the microphone grounds next to MICR
and MICL terminals. These ground pins need a separate ground
connection back to the AS3515/35 AGND pin. A separate left
and right ground line is recommended rather than using a
single microphone ground line back to the star point at AGND.
The second important connections are the ground terminals of
CAC and RMICIN. They should be fed back to the AGND pin.
Figure 108 shows the separation of left and right channel. The
ground pads of CAC and RMICIN are connected together and
routed back to AGND pin of AS3415/35.
Figure 108:
Microphone Layout Recommendation
AS3415/35 Microphone Layout Recommendation: This diagram shows the layout recommendation for the
AS3415/35 microphone preamplifier with all necessary peripheral components for operation.
Microphone Ground Layout:
Use separate ground connections for microphone inputs back to the AGND pin. The ground connection of CAC
and RMICIN should also make use of a dedicated connection back to AGND pin of AS3415/35.
BIAS
BIAS
R
R
TOP LAYER
SILK SCREEN TOP LAYER
BOARD OUTLINE
BOTTOM LAYER
~~
~~
AGND
AS3435
Connection to negative
battery terminal
COMMENT LAYER
Combined CAC and RMICIN
ground back to AGND pin.
Microphone ground
terminal left microphone
Microphone ground
terminal right microphone
Star point for microphone
ground connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com