Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3415 Datasheet(PDF) 24 Page - ams AG

Part # AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Datasheet(HTML) 24 Page - ams AG

Back Button AS3415 Datasheet HTML 20Page - ams AG AS3415 Datasheet HTML 21Page - ams AG AS3415 Datasheet HTML 22Page - ams AG AS3415 Datasheet HTML 23Page - ams AG AS3415 Datasheet HTML 24Page - ams AG AS3415 Datasheet HTML 25Page - ams AG AS3415 Datasheet HTML 26Page - ams AG AS3415 Datasheet HTML 27Page - ams AG AS3415 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 102 page
background image
AS3415/AS3435 – 24
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
De tail ed De sc rip t ion
Parameter
VBAT=1.5V, TA= 25ºC , CAC=10μF, CMIC=2.2μF and RMICIN=22kΩ
unless otherwise specified.
Figure 23:
Microphone Parameter
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VMICIN0
Input Signal Level
AMIC = 10dB
80
mVRMS
VMICIN1AMIC = 20dB
40
mVRMS
VMICIN2AMIC = 30dB
10
mVRMS
SNR
Signal to Noise Ratio
0dB gain, High quality mode,
AGC off
115
dB
10dB gain, High quality mode,
AGC off
108
dB
20dB gain, High quality mode,
AGC off
98
dB
0dB gain, ECO mode, AGC off
113
dB
10dB gain, ECO mode, AGC off
105
dB
20dB gain, ECO mode, AGC off
96
dB
VNOISE-A
A-Weighted Output
Noise Floor
0dB gain, 20Hz – 20kHz
bandwidth, High quality
1.3
μV
10dB gain, 20Hz – 20kHz
bandwidth, High quality
4.2
μV
20dB gain, 20Hz – 20kHz
bandwidth, High quality
13
μV
0dB gain, 20Hz – 20kHz
bandwidth, ECO mode
1.6
μV
10dB gain, 20Hz – 20kHz
bandwidth, ECO mode
5.5
μV
20dB gain, 20Hz – 20kHz
bandwidth, ECO mode
16.5
μV
IMIC
Block Current
Consumption
No load, normal mode
1.4
mA
No load, ECO mode
1
mA
AMIC
Programmable Gain
Discrete logarithmic gain steps
0
+31
dB
Gain Step Size
0.5
dB
Gain Step Precision
0.2
dB
ΔAMIC
Gain Ramp Rate
VPEAK related to VBAT or VNEG
1
ms/step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com