Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3415 Datasheet(PDF) 27 Page - ams AG

Part # AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Datasheet(HTML) 27 Page - ams AG

Back Button AS3415 Datasheet HTML 23Page - ams AG AS3415 Datasheet HTML 24Page - ams AG AS3415 Datasheet HTML 25Page - ams AG AS3415 Datasheet HTML 26Page - ams AG AS3415 Datasheet HTML 27Page - ams AG AS3415 Datasheet HTML 28Page - ams AG AS3415 Datasheet HTML 29Page - ams AG AS3415 Datasheet HTML 30Page - ams AG AS3415 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 102 page
background image
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
AS3415/AS3435 – 27
Detaile d Desc rip t ion
Microphone Supply
The AS3415/35 features an integrated microphone supply
charge pump. This charge pump provides the proper
microphone supply voltage for a single cell battery supply
(1.5V). Since AAA batteries can operate down to 1.0V, the direct
battery voltage cannot be used for microphone supply. This
would reduce the sensitivity of the microphone dramatically.
Figure 27:
Microphone Supply
Microphone Supply: This block diagram shows how the integrated microphone supply works including all
options for configuration like off mode and bypass mode.
Therefore the integrated charge pump generates a microphone
supply voltage which is typically 2.7V. In case the ANC chipset
is supplied with a fixed voltage e.g. 1.8V the integrated charge
pump supports a mode which allows the designer to directly
connect the microphone supply pin to the chip supply voltage.
This can help to reduce total power consumption of the system.
A third mode is available to switch off the microphone supply.
This use case can occur if the headset is operated without ANC
function. Please mind that you must not switch off the
microphone supply at all if the integrated music bypass
function is in use. The microphone supply voltage is also used
to switch off the integrated music bypass switch if the
AS3415/35 is in active mode.
Bypass Switch Operation:
When using the integrated music bypass
switch you must not switch off the
microphone supply!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com