Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3415 Datasheet(PDF) 18 Page - ams AG

Part # AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Datasheet(HTML) 18 Page - ams AG

Back Button AS3415 Datasheet HTML 14Page - ams AG AS3415 Datasheet HTML 15Page - ams AG AS3415 Datasheet HTML 16Page - ams AG AS3415 Datasheet HTML 17Page - ams AG AS3415 Datasheet HTML 18Page - ams AG AS3415 Datasheet HTML 19Page - ams AG AS3415 Datasheet HTML 20Page - ams AG AS3415 Datasheet HTML 21Page - ams AG AS3415 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 102 page
background image
AS3415/AS3435 – 18
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
De tail ed De sc rip t ion
Line Input Parameter: This table shows the detailed electrical characteristics of the line input gain stage like
maximum input signal level and audio parameter like SNR.
Figure 15:
Line Input Frequency Response
Figure 16:
Line Input THD+N vs. Frequency VBAT = 1V
Voffset
DC offset voltage
2
mV
CL
Load Capacitance
100
pF
RL
Load Impedance
1
kΩ
Line Input Frequency Response: The
diagram shows the frequency response
measurement of the line input amplifier
with 0dB gain and VBAT=1.5V, R1=10kΩ
and R2=10kΩ. The solid line represents
the default high quality mode and the
dashed line shows the frequency
response in ECO mode.
Line Input THD+N vs. Frequency: The
diagram shows the A-weighted THD+N
measurement of the line input amplifier
with 0dB gain and VBAT=1.0V, R1=10kΩ
and R2=10kΩ. The solid line represents
the default high quality mode and the
dashed line shows the frequency
response in ECO mode.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
-1
-0,8
-0,6
-0,4
-0,2
0
0,2
0,4
0,6
0,8
1
10
100
1k
10k
f [Hz]
ECO Mode
HighQ Mode
0,0001
0,001
0,01
0,1
1
10
100
1k
10k
f [Hz]
HighQ Mode
ECO Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com