Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3415 Datasheet(PDF) 92 Page - ams AG

Part # AS3415
Description  Integrated Active Noise Cancelling Solution with Bypass Feature
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3415 Datasheet(HTML) 92 Page - ams AG

Back Button AS3415 Datasheet HTML 88Page - ams AG AS3415 Datasheet HTML 89Page - ams AG AS3415 Datasheet HTML 90Page - ams AG AS3415 Datasheet HTML 91Page - ams AG AS3415 Datasheet HTML 92Page - ams AG AS3415 Datasheet HTML 93Page - ams AG AS3415 Datasheet HTML 94Page - ams AG AS3415 Datasheet HTML 95Page - ams AG AS3415 Datasheet HTML 96Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 102 page
background image
AS3415/AS3435 – 92
ams Datasheet, Confidential: 2014-Jun-13 [v1-30]
PCB P a d La y o ut
Figure 112:
AS3415 PCB Pad Layout Recommendation
AS3415 PCB Pad Layout: This drawing shows the PCB footprint layout recommendation for three different
component density levels.
0.5mm
3.5mm
0.75mm
5.9mm
RECOMMENDED LAND PATTERN TOP VIEW
LOW COMPONENT DENSITY
0.5mm
3.5mm
0.65mm
5.7mm
RECOMMENDED LAND PATTERN TOP VIEW
MEDIUM COMPONENT DENSITY
0.5mm
3.5mm
0.55mm
5.5mm
RECOMMENDED LAND PATTERN TOP VIEW
HIGH COMPONENT DENSITY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com