Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5410 Datasheet(PDF) 17 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 17 Page - ams AG

Back Button AS5410 Datasheet HTML 13Page - ams AG AS5410 Datasheet HTML 14Page - ams AG AS5410 Datasheet HTML 15Page - ams AG AS5410 Datasheet HTML 16Page - ams AG AS5410 Datasheet HTML 17Page - ams AG AS5410 Datasheet HTML 18Page - ams AG AS5410 Datasheet HTML 19Page - ams AG AS5410 Datasheet HTML 20Page - ams AG AS5410 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
ams Datasheet
Page 17
[v2-04] 2015-Oct-07
Document Feedback
AS5410 − Detailed Description
PWM Data Transmission
In addition to the SPI interface, the AS5410 offers a PWM output
that provides data transmission of the linearized output data
over a single wire. The base frequency of the PWM is the system
clock frequency, so one PWM digit always corresponds to
approx. 125ns. The PWM resolution is set by 3 bits
(PWMPreScale) which shift the 16 bit wide angle value by 0 to
7 digits.
The duty cycle of the PWM signal lies between 0% to 100%. In
case of an error, the duty cycle is 0%.
If register 0122h value increases the duty cycle decreases. If
register 0122h value decreases the duty cycle increases.
Figure 18:
Register 000Dh
Figure 19:
Single Pin Data Transmission Connection Diagram
Register
Access
Bit
Function
Default
Note
000Dh:
PWM
settings
R/W
D15-10
PWMLimitHi <5:0>
0
PWM Limit High,
Limits the PWM duty cycle to a
maximum value
D9-4
PWMLimitLo <5:0>
0
PWM Limit Low,
Limits the PWM duty cycle to a
minimum value
D3
PWMEn
0
PWM Enable,
Enables the PWM output
D2-0
PWMPreScale <2:0>
0
PWM PreScale,
Sets PWM frequency and resolution
AS5410
µC
PWM
PWM
VDD
VDD
VSS
GND
VDD= 3.0 - 3.6V
100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com