Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5410 Datasheet(PDF) 18 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 18 Page - ams AG

Back Button AS5410 Datasheet HTML 14Page - ams AG AS5410 Datasheet HTML 15Page - ams AG AS5410 Datasheet HTML 16Page - ams AG AS5410 Datasheet HTML 17Page - ams AG AS5410 Datasheet HTML 18Page - ams AG AS5410 Datasheet HTML 19Page - ams AG AS5410 Datasheet HTML 20Page - ams AG AS5410 Datasheet HTML 21Page - ams AG AS5410 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
Page 18
ams Datasheet
Document Feedback
[v2-04] 2015-Oct-07
AS5410 − Detailed Description
Figure 20:
PWM Duty Cycle Information
Between 0% to 100% the duty cycle is linear to the Linear Angle.
PWM Enable: Must be set high to enable the PWM mode.
PWMPreScale0 to PWMPreScale3: The PWM resolution is set
by those 3 Bits.
Figure 21:
PWM Resolution
PWMLimitHi5 to PWMLimitHi0: Limits the PWM duty cycle.
Figure 22:
PWM Upper Clamping Limits
PWM Duty Cycle
[%]
Register 122h
(Linear Angle) [LSB]
0
32767
50
0
100
-32768
PWMPreScale0 to
PWMPreScale3
Resolution
(bit)
PWM (kHz)
000
16
0.122
001
15
0.244
010
14
0.488
011
13
0.977
100
12
1.953
101
11
3.906
110
10
7.813
111
9
15.63
Duty Cycle
PWMLimitHi0 to PWMLimitHi5
Minimum 50%
000000
Minimum 0%
111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com