Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5410 Datasheet(PDF) 26 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 26 Page - ams AG

Back Button AS5410 Datasheet HTML 22Page - ams AG AS5410 Datasheet HTML 23Page - ams AG AS5410 Datasheet HTML 24Page - ams AG AS5410 Datasheet HTML 25Page - ams AG AS5410 Datasheet HTML 26Page - ams AG AS5410 Datasheet HTML 27Page - ams AG AS5410 Datasheet HTML 28Page - ams AG AS5410 Datasheet HTML 29Page - ams AG AS5410 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
Page 26
ams Datasheet
Document Feedback
[v2-04] 2015-Oct-07
AS5410 − Register Description
Register 0031h
E²PROM data
Figure 33:
Register 0031h
Register
Access
Bit
Function
Note
0031h:
E²PROM
data
R/W
D15 (MSB)
D15
This register holds the E²PROM contents of the
address selected in register 0030h
D14
D14
D13
D13
D12
D12
D11
D11
D10
D10
D9
D9
D8
D8
D7
D7
D6
D6
D5
D5
D4
D4
D3
D3
D2
D2
D1
D1
D0 (LSB)
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com