Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5410 Datasheet(PDF) 24 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 24 Page - ams AG

Back Button AS5410 Datasheet HTML 20Page - ams AG AS5410 Datasheet HTML 21Page - ams AG AS5410 Datasheet HTML 22Page - ams AG AS5410 Datasheet HTML 23Page - ams AG AS5410 Datasheet HTML 24Page - ams AG AS5410 Datasheet HTML 25Page - ams AG AS5410 Datasheet HTML 26Page - ams AG AS5410 Datasheet HTML 27Page - ams AG AS5410 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
Page 24
ams Datasheet
Document Feedback
[v2-04] 2015-Oct-07
AS5410 − Register Description
Figure 30:
Example: Select V0 and V1.
The corresponding dual number to 00000011 is 3 this number
multiplied with 64 is the minimum allowed magnitude of
CORDIC.
64 * 3 = 192 = Threshold limit
If the magnitude of CORDIC turns under 192 the MagLost bit in
register 0107h will turn form 0 to 1.
H2…H0: The hysteresis around the minimum allowed
magnitude of CORDIC can be selected.
The hysteresis Hystd is calculated by the formula
Figure 31:
Example: Select H0
Now the MagLost bit in register 0107h will turn form 0 to 1 at a
magnitude of CORDIC value lower than 192. After the MagLost
bit is 0 it turns back to 1 at a value higher than 288, because
192 + 96 = 288.
Binary
Decimal
V7
V6
V5
V4
V3
V2
V1
V0
00
0
0
0
0
1
1
3
Hyst
: Hysteresis value in Register 000Fh
Hystd
: Decimal hysteresis value around the
minimum allowed magnitude of CORDIC
MgnLostLmt
: The threshold limit as calculated in the
example above.
Binary
Decimal
H2
H1
H0
00
1
1
(EQ1)
Hystd
MgnLostLmt
1
2Hyst
-------------
×
=
(EQ2)
Hystd
MgnLostLmt
1
2Hyst
-------------
×
192
1
21
-----
×
96
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com