Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5410 Datasheet(PDF) 40 Page - ams AG

Part # AS5410
Description  3D-Hall Absolute Linear Position Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5410 Datasheet(HTML) 40 Page - ams AG

Back Button AS5410 Datasheet HTML 36Page - ams AG AS5410 Datasheet HTML 37Page - ams AG AS5410 Datasheet HTML 38Page - ams AG AS5410 Datasheet HTML 39Page - ams AG AS5410 Datasheet HTML 40Page - ams AG AS5410 Datasheet HTML 41Page - ams AG AS5410 Datasheet HTML 42Page - ams AG AS5410 Datasheet HTML 43Page - ams AG AS5410 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
Page 40
ams Datasheet
Document Feedback
[v2-04] 2015-Oct-07
AS5410 − Register Description
Note(s) and/or Footnote(s):
1. The Angle linearization points can be used to achieve higher precision at the angle output.
0074h
Angle linearization Table entry -12
Applied to CORDIC
output
0075h
Angle linearization Table entry -11
0076h
Angle linearization Table entry -10
0077h
Angle linearization Table entry -9
0078h
Angle linearization Table entry -8
0079h
Angle linearization Table entry -7
007Ah
Angle linearization Table entry -6
007Bh
Angle linearization Table entry -5
007Ch
Angle linearization Table entry -4
007Dh
Angle linearization Table entry -3
007Eh
Angle linearization Table entry -2
007Fh
Angle linearization Table entry -1
Address (hex)
E²PROM Location Name
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com