Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDC-GP21 Datasheet(PDF) 80 Page - ams AG

Part # TDC-GP21
Description  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 Datasheet(HTML) 80 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 76Page - ams AG TDC-GP21 Datasheet HTML 77Page - ams AG TDC-GP21 Datasheet HTML 78Page - ams AG TDC-GP21 Datasheet HTML 79Page - ams AG TDC-GP21 Datasheet HTML 80Page - ams AG TDC-GP21 Datasheet HTML 81Page - ams AG TDC-GP21 Datasheet HTML 82Page - ams AG TDC-GP21 Datasheet HTML 83Page - ams AG TDC-GP21 Datasheet HTML 84Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 91 page
background image
TDC-GP21
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
5-7
Driver outputs:
The output drivers are configured by setting CONF_FIRE in register 5, bits 29 to 31:
CONF_FIRE configures the FIRE_UP and FIRE_DOWN outputs of the GP21. CONF_FIRE is
used to control which of the outputs (FIRE_UP or FIRE_DOWN) are first fired when the
Start_TOF_Restart command is issued. It is also used to individually enable or disable
these outputs.
Only one of the three bits may be set to 1:
Bit 31 = 1
Fire both outputs (FIRE_UP and FIRE_DOWN) simultaneously. In this
case, the FIRE_DOWN output is an inverted representation of
FIRE_UP.
Bit 30 = 1
Enable FIRE_UP output only, or when Start_TOF_Restart is issued, fire
this output first.
Bit 29 = 1
Enable FIRE_DOWN output only, or when Start_TOF_Restart is issued,
fire this output first.
Note:
In register 5, bits 16 to 18, REPEAT_FIRE originally had been implemented for sing around
measuring. Please set
REPEAT_FIRE = 0
no repetition
5.3
Fast Initialization
In measurement mode 1 the TDC-GP21 offers the possibility of a fast initialization.
Activated by setting register 1, bit 15, EN_FAST_INIT = “1“ the interrupt flag automatically
Example:
CLKHS = 4 MHz, DIV_CLKHS = 1, DIV_FIRE = 1
Max. frequency of the FIRE_UP / FIRE_DOWN output signal:
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com