| Electronic Components Datasheet Search |
|
TDC-GP21 Datasheet(PDF) 49 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
TDC-GP21 Datasheet(HTML) 49 Page - ams AG |
|
49 / 91 page ![]() Ultrasonic-Flow-Converter TDC-GP21 4-4 acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de As the BIN size varies with temperature and voltage the TDC-GP21 ALU can internally calibrate the results. This option is switched on by setting register 0, bit13, CALIBRATE = “1“. It is recommended to do this. For the calibration the TDC measures 1 and 2 cycles of the reference cloc k. The two data are stored as Cal1 and Cal2. There are two ways to update the calibration data Cal1 and Cal2: - Separate calibration by sending opcode Start_Cal_TDC via the SPI interface - Automatic update by setting register 0, bit 12, NO_CAL_AUTO = “0“. In most applications this will be the preferred setting. e. Define ALU data processing While the TDC unit can measure up to 4 hits on each channel the user is free in his definition what the ALU shall calculate. The settings are done in register 1, bits 16 to 19 and 20 to 23, HIT1 and HIT2. Both parameters can be set to: 0 = Start 1 = 1. Stop Ch1 9 = 1. Stop Ch2 2 = 2. Stop Ch1 A = 2. Stop Ch2 3 = 3. Stop Ch1 B = 3. Stop Ch2 4 = 4. Stop Ch1 C = 4. Stop Ch2 6 = Cal1 Ch1 7 = Cal2 Ch1 The ALU calculates HIT1 - HIT2. In case calibration is active the ALU does the full calibration calculation (except when reading the calibration values. In this case the ALU writes the Cal1/Cal2 raw data to the output register). ( ) Examples: Reg1 = ‘h01xxxx - 1st Stop Ch1-Start Reg1 = ‘h2Bxxxx - 3rd Stop Ch2-2nd Stop Ch1 Reg1 = ‘h06xxxx - Cal1 Member of the ams Group |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |