Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDC-GP21 Datasheet(PDF) 62 Page - ams AG

Part # TDC-GP21
Description  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 Datasheet(HTML) 62 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 58Page - ams AG TDC-GP21 Datasheet HTML 59Page - ams AG TDC-GP21 Datasheet HTML 60Page - ams AG TDC-GP21 Datasheet HTML 61Page - ams AG TDC-GP21 Datasheet HTML 62Page - ams AG TDC-GP21 Datasheet HTML 63Page - ams AG TDC-GP21 Datasheet HTML 64Page - ams AG TDC-GP21 Datasheet HTML 65Page - ams AG TDC-GP21 Datasheet HTML 66Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 91 page
background image
TDC-GP21
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
4-17
4.3
Analog Input Section
Compared to TDC-GP2, the TDC-GP21 has an additional analog input section which can be
used alternatively to the pure digital inputs. Especially the design of ultrasonic flow and
heat meters is greatly simplified by this new option. The external circuit of the ultrasonic
part is reduced to just two resistors and capacitors additional to the piezo transducers.
The ultrasonic signals will be packages of sinusoidal oscillations with several 100 mV
amplitude. The signals are coupled to the inputs by means of a high pass filter as the
comparator can not handle GND as threshold. The threshold of the comparator is set to
1/3 Vcc. An analog multiplexer selects the input according to the active measurement
direction. The comparator is chopper stabilized to guarantee a low offset voltage in the
range of < 2 mV. This is mandatory for a good measurement quality. The input offset
voltage of the comparator is frequently corrected by an internal chopper circuit. If
temperature or supply voltage changes over time, the offset voltage is automatically
adapted and holds at < 2 mV.
All elements are controlled by the TDC-GP21 control unit. They are powered only during
the measurement to keep down the power consumption.
A measurement sequence, triggered by command Start_TOF_Restart looks like the
following procedure, starting with the up flow measurement:
The 4 MHz oscillator is switched on. The chip waits for the programmed delay to
give enough time for the oscillator to reach the full amplitude.
The comparator, the reference voltage and the analog switches get powered.
The capacitor of the transmitting path (STOP1) is connected to GND.
The fire down buffer (FIRE_DOWN) is connected to GND.
The capacitor of the receiving path (STOP2) is charged up to Vref. The TDC waits
the delay set in TW2.
The analog switch selects STOP2 input as input to the comparator.
FIRE_UP is selected as TDC START signal.
The set number of pulses is sent through the fire up buffer, pin FIRE_UP.
The analog signal at STOP2 passes the comparator converted to a digital signal
that is connected to the STOP input of the TDC unit.
When the delay of the stop masking unit (DELVAL) expired the TDC is ready to
measure. It can measure up to 3 stops.
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com