Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDC-GP21 Datasheet(PDF) 14 Page - ams AG

Part # TDC-GP21
Description  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 Datasheet(HTML) 14 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 10Page - ams AG TDC-GP21 Datasheet HTML 11Page - ams AG TDC-GP21 Datasheet HTML 12Page - ams AG TDC-GP21 Datasheet HTML 13Page - ams AG TDC-GP21 Datasheet HTML 14Page - ams AG TDC-GP21 Datasheet HTML 15Page - ams AG TDC-GP21 Datasheet HTML 16Page - ams AG TDC-GP21 Datasheet HTML 17Page - ams AG TDC-GP21 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 91 page
background image
TDC-GP21
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
2-5
Figure 2-1 Relative Variation of un-calibrated least significant bit with temperature and supply
voltage, reference 3.0V/25°C
Temperature Measuring Unit1
Symbol
Terminal
Internal Schmitt trigger
external Schmitt trigger2
Unit
PT500
PT1000
PT500
PT1000
Resolution RMS
17.5
17.5
16.0
16.0
Bit
SNR
105
105
96
96
dB
Absolute Gain3
0.9912
0.9931
0.9960
0.9979
3.6 V
0.9923
0.9940
0.9962
0.9980
Absolute Gain vs.
Vio3
3.0 V
0.9912
0.9931
0.9960
0.9979
2.5 V
0.9895
0.9915
0.9956
0.9979
Gain-Drift vs. Vio
0,25
0.23
0.06
0.04
%/V
0.80
0.90
1.00
1.10
1.20
1.30
1.40
-25
-5
15
35
55
75
95
Temperature [°C]
3.6 V
3.0 V
2.5 V
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com