Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDC-GP21 Datasheet(PDF) 38 Page - ams AG

Part # TDC-GP21
Description  Ultrasonic-Flow-Converter
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TDC-GP21 Datasheet(HTML) 38 Page - ams AG

Back Button TDC-GP21 Datasheet HTML 34Page - ams AG TDC-GP21 Datasheet HTML 35Page - ams AG TDC-GP21 Datasheet HTML 36Page - ams AG TDC-GP21 Datasheet HTML 37Page - ams AG TDC-GP21 Datasheet HTML 38Page - ams AG TDC-GP21 Datasheet HTML 39Page - ams AG TDC-GP21 Datasheet HTML 40Page - ams AG TDC-GP21 Datasheet HTML 41Page - ams AG TDC-GP21 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 91 page
background image
TDC-GP21
acam messelectronic gmbh - Friedrich-List-Str.4 - 76297 Stutensee - Germany - www.acam.de
3-13
Only in measurement mode 1 negative results are possible.
In measurement mode 2 only positive results are possible, given as unsigned numbers.
A non-calibrated measure is possible only in measurement mode 1.
In measurement mode 1 with calibrated data (ALU) the time intervals that have to be
measured can not exceed twice the period of the calibration clock. When measuring
bigger time intervals an ALU - overflow will occur and ’hFFFFFFFF is written in the
appropriate result register.
a. Measurement mode 1 with calibrated data (CALIBRATE = 1)
The results are given in multiples of the internal reference clock (= external reference
clock divided by 1, 2 or 4 (DIV_CLKHS)). Calibrated data are 32 bit fixed point numbers
with 16 integer bits and 16 fractional bits. Any calibrated result covers therefore 1 result
register. The serial output begins with the highest bit (215) and ends with the lowest one
(2-16). The numbers are available in complements of 2.
Time = RES_X * Tref * 2 DIV_CLKHS = RES_X * Tref * N , with N = 1, 2 or 4
Time < 2 * Tref * 2 DIV_CLKHS
b. Measurement mode 1 without calibration (CALIBRATE = 0)
Non-calibrated data are of the type ‘Signed Integer’ and are stored as a 16 bit value in the
high word of the result registers. The bits of the low word are set to zero. The result is
represented as number of LSB and is available in complements of 2.
Time = RES_X * LSB ~ RES_X * 90 ps
c. Measurement mode 2
In measurement mode 2 the TDC-GP21 only supports calibrated measurement. The
results are given in multiples of the internal reference clock (= external reference clock
divided by 1, 2 or 4 (DIV_CLKHS)). Calibrated data are 32 bit fixed point numbers with 16
integer bits and 16 fractional bits. Any calibrated result covers therefore 1 result register.
The serial output begins with the highest bit (215) and ends with the lowest one (2-16). The
numbers are available in complements of 2.
Time = RES_X * Tref * 2 DIV_CLKHS = RES_X * Tref * N , with N = 1, 2 or 4
Member of the ams Group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com