Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC3770 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # BC3770
Description  2.0 A Switch-Mode Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

BC3770 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button BC3770 Datasheet HTML 19Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 20Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 21Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 22Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 23Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 24Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 25Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 26Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
Analog Integrated Circuit Device Data
23
Freescale Semiconductor
BC3770
Figure 12. Thermal Regulation
5.4.5
Weak Battery Detection
A weak battery detection function allows the processor to acknowledge the low-battery condition. To prevent false voltage transients from
interrupting the processor unnecessarily, the out-of-range condition must stay at least for the deglitch time of 27 ms, before an interrupt
is generated. If the battery voltage goes back in range before the deglitch time, no corresponding interrupt is generated.
5.4.6
DC-DC PWM Converter
The device features an integrated fixed 1.5 MHz frequency. The device uses a peak current mode PWM controller to regulate the output
voltage and battery charge current. The low-side FET (Q3) also has a current limit that decides if the PWM controller can operate in boost
mode. The threshold is set to 100 mA and turns off the high-side N-channel FET (Q2) before the current reverses, preventing the battery
from discharging.
5.4.7
INTERRUPT
The device uses the Interrupt pin, INTB, to indicate if the status on the device has changed. The Interrupt is asserted whenever one or
more interrupt events are detected in its operation. The processor reads the interrupt registers to see the source of interrupt event(s).
Interrupt bit(s) is (are) only cleared by reading all or some corresponding bits in the interrupt registers. If an interrupt bit is masked in an
interrupt event, the corresponding interrupt bit is still set to 1 in the corresponding register. However, the INTB interrupt pin is not asserted
to low. When the corresponding mask bit is set to “0” because of an earlier interrupt event, the interrupt pin for the corresponding interrupt
event is asserted low to alert the processor after the tINT_MASK delay time, typically 10 µs. If the abnormal condition continues after the
processor reads a corresponding interrupt bit, the corresponding interrupt bit is no longer set to “1”.
5.4.7.1
Comparators for Interrupt Events
To save the idle current in Stand-by or Shutdown mode, the internal comparators that detects “Weak Battery” status, “VSYSOK or NG”
status, the “Battery OVP” status and “Discharge Limit” status are capable of being disabled over the I2C interface by resetting the
“ENCOMPARATOR” bit 6 to 0 in the 07h register. The comparators are enabled by default.
If the comparators are disabled in “no valid supply” on VBUS, the VBUSOK signal overrides the bit set to 1 by force, to detect weak battery
detection, VSYSOK or NG detection, and BATOVP detection. This wakes up the comparators to notify the application processor of these
interrupt events.
IBAT_CHG
Die Temperature, SYS
current & Charge Current
INTB
Read
& clear
TCF 100°C
TSD
150°C
0mA
A pre-set
(mA)
130°C
ISYS
0mA
Read
& clear
INT1: Thermal regulation of interrupt is asserted.
INT1
INT2
INT2: Thermal shutdown, detected by TDIE=150°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com