Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC3770 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # BC3770
Description  2.0 A Switch-Mode Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

BC3770 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  BC3770 Datasheet HTML 1Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 2Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 3Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 4Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 5Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 6Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 7Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 8Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
Analog Integrated Circuit Device Data
3
Freescale Semiconductor
BC3770
2
Internal Block Diagram
Figure 2. BC3770 Simplified Internal Block Diagram
VBUS
LX
Current
Path
Control
150C
Tj
PGND
BUCK PWM,
CC, CV,
Registers
&I2C
INTERFACE
CONTROL
BLOCK
AICL
OVP
UVLO
+
-
+
-
+
-
THERMAL SHUTDOWN
GND
PWM
DRV
VBUS
VTH
+
-
VTrickle
VTH_TRK
Weak
Battery
PMID
BOOT
+
-
Vprechg
Vpre-chg
Input
Current
Detect
Linear
ITrickle
Iprechg
Q1
(50m
Ω)
Q2
(50m
Ω)
Q3
(70m )
NOBAT
+
-
SDA
SCL
INTB
FS I2C
Interface
VL
CHGENB
VSYS
1.5 MHz
VL
All other enable
conditions=1
Charger
Enabled
I2C bit,
SUSPEND=0
& CHGEN=1
BATSNSN
VL
Internal
Regulator
PMID
+
-
Q4
(30m
Ω)
THR
Reduction
100C
Tj
+
-
THERMAL REGULATION
SHDNB
CHGOUT
BATREG
I2C
disable
VIO
LX
PGND
VSYS
VSYS
CHGOUT
CHGOUT
VBUS
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com