Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC3770 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # BC3770
Description  2.0 A Switch-Mode Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

BC3770 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button BC3770 Datasheet HTML 3Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 4Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 5Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 6Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 7Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 8Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 9Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 10Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
Analog Integrated Circuit Device Data
7
Freescale Semiconductor
BC3770
4.2
Electrical Characteristics
Table 4. BC3770 Electrical Characteristics
Characteristics noted under conditions: VVBUS = 5.0 V, VBATREG = 3.7 V, VVIO = 1.8 V, CVBUS = CPMID = 2.2 F, CVSYS = 10 F,
CCHGOUT = 4.7 F, CVL = 1.0 F, L = 1.0 H, TA = - 40 °C to 85 °C *). Typical values are at TA = 25°C, unless otherwise noted. (6)
Symbol
Characteristic
Min
Typ
Max
Unit
Notes
VBUS Supply
VBUS_OP
VVIO_OP
Operating Range
• On VBUS
•On VIO
4.0
1.6
—
—
6.2
3.3
V
VBUS_UVLO
UVLO Threshold
• VBUS rising, 200 mV Hysteresis, VBUSOK bit set to 1
3.6
3.8
4.0
V
VBUS_OVP
OVP Threshold
• VBUS rising to turn off converter, 200 mV Hysteresis
6.3
6.5
6.7
V
(7)
VAICL_TH
Adaptive-Input Current Limit (AICL) Threshold Range
• VBUS falling, Programmable in 100 mV steps, 4.5 V Default
4.3
—
4.9
V
IVBUS_OP
Adaptive-Input Current Limit (AICL) Threshold Range
• In charger enabled, IFAST_CHG = ISYS = 0 mA, SHDNB = H,
SUSPEN = 0
LX No switching, VVSYS = VBATREG = 4.4 V override
LX switching w/VSYS = 3.7 V in PWM
• USB suspended mode in SUSPEN=1
—
—
—
2.0
15
—
—
—
1.0
mA
IIN_LIM
Input Current Limit Programmable Range
•500 mA default, test 100 mA, 500 mA, 900 mA and 1.9 A only in
production
100
—
2050
mA
IIN_LIM Accuracy
• With respect to IIN_LIM = 100 mA
• With respect to IIN_LIM = 500 mA
• With respect to IIN_LIM = 900 mA
• With respect to IIN_LIM = 2000 mA
70
70
84
93
85
85
92
100
100
100
100
107
%
(7)
VBUS Pull-down Resistance
• Off in BOOST Mode
—
100
—
k
VL LDO Regulator
VOUT_VLLDO
Output Voltage
•VPMID = 5.0 V, ILOAD = 30 mA
4.65
4.8
—
V
ILOAD_LIM
Current Limit
•VVLLDO = 3.8 V
50
—
—
mA
(7)
Switching Regulator
fSW
Switching Frequency
• In PWM mode
1.35
1.5
1.65
MHz
(7)
DMAX
Maximum Duty Cycle
—
—
99
%
DMIN
Minimum Duty Cycle
0.0
—
—
%
ILIM_CHG
Cycle-by-cycle Current Limit for Charger Mode
• For high-side MOSFET in charger mode
—
3.5
4.7
A
(7)
Minimum Output Capacitance
• For stability
-30%
10
—
F
(7)
Notes
6.
Specifications over the TA range are assured by design, characterized, and correlated with process control.
7.
Guaranteed by design, characterization, and correlation with process controls. Not fully tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com