Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC3770 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # BC3770
Description  2.0 A Switch-Mode Charger
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

BC3770 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button BC3770 Datasheet HTML 36Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 37Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 38Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 39Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 40Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 41Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 42Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 43Page - Freescale Semiconductor, Inc BC3770 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
40
BC3770
6.1.2.6
PCB Layout Considerations
The device contains a high-frequency switching converter. Therefore, the PCB layout is a very important design practice to ensure a
satisfactory performance. The following provides some guidelines.
1. The power loop is composed of the inductor, the input and output capacitor, the LX pin and the PGND pin. It is important to make
the power loop as small as possible and the connecting traces among them should be direct, short and wide. They should be
placed as close as possible to their respective the IC pins.
2. The switching node of the converter, the LX pin, and the traces connected to this node are very noisy. This trace keeps other noise
sensitive traces separated.
3. The GND and PGND should connect to the power ground plane at only one point, to minimize the effects of power ground currents.
Also, battery ground should connect directly to the power ground plane.
4. Connect the BATREG pin directly to the + terminal on the battery cell and connect the BATSNSN pin directly to the – terminal on
the battery cell, to regulate the VBAT_REG battery regulation voltage as close to the target as possible.
5. One bypass capacitor for PMID should be placed as close to the pin and power ground as possible.
Figure 24 is an example layout for some key components.
Figure 24. Key Component Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com