Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB-KW019032 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # USB-KW019032
Description  USB-KW019032 Freescale USB Dongle Development Board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB-KW019032 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button USB-KW019032 Datasheet HTML 2Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 3Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 4Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 5Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 6Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 7Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 8Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 9Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
USB-KW019032 Freescale USB Dongle Development Board , User’s Guide, Rev. 0, 10/2015
6
Freescale Semiconductor, Inc.
USB-KW019032 overview and description
Figure 2 shows the main board features and input/output headers for the Freescale USB-KW019032 board.
Figure 2. USB-KW019032 callouts
3.3
Software and driver considerations
The USB-KW019032 includes OpenSDAv2.1 (CMSIS-DAP), a serial and debug adapter circuit that
includes an open-source bootloader, and debug interface software. It bridges serial and debug
communications between a USB host and an embedded target processor. The hardware circuit is based on
the Kinetis K22F family. You can find more information in the KW019032 Quick Start Card.
To enter the bootloader mode and re-flash the CMSIS-DAP application, hold down the SW2 button while
plugging the USB-KW019032 board to the PC.
For additional information about the sub-GHz Kinetis family platforms, refer to
freescale.com/USB-KW019032.
For ARM mbed™ drivers, refer to https://developer.mbed.org/handbook/Windows-serial-configuration.
MCU
MK22F
JTAG K22F
Application
button – MK22F
Reset button – MK22F
32 MHz crystal
Application
button – MKW01
Reset button – MKW01
MKW01
SWD KW01
Power-on /
application LED
Chip antenna



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com