Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB-KW019032 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # USB-KW019032
Description  USB-KW019032 Freescale USB Dongle Development Board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB-KW019032 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button USB-KW019032 Datasheet HTML 4Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 5Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 6Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 7Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 8Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 9Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 10Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 11Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
USB-KW019032 Freescale USB Dongle Development Board , User’s Guide, Rev. 0, 10/2015
8
Freescale Semiconductor, Inc.
USB-KW019032 development board
Figure 4 shows a footprint of the USB-KW019032 with the location of headers.
Figure 4. USB-KW019032 board’s connector and header locations
4.1.3
Board level specifications
Table 1. USB-KW019032 board specifications
Parameter
Min
Typ
Max
Units
Notes/conditions
General
Size (PCB: X, Y)
—
—
18.5 × 61.4
0.73 × 2.42
mm
inches
—
Layer build (PCB)
—
1.57
0.062
—mm
inches
Four-layer
Dielectric material (PCB)
—
—
—
—
FR4
Power
Current consumption
—
—
—
mA
Varies with operational mode, Refer to the
datasheet.
Temperature
Operating temperature (see note)
-40
+25
+70
°C
Operating temperature is limited to +70 °C
due to switches. The basic circuit is capable
to handle maximum temperature of +85 °C.
Storage temperature
-30
+ 25
+70
°C
—
RF receiver
FSK sensitivity
—
-105
to
-120
—dBm
—
OOK sensitivity
—
-112
—
dBm
—
Adjacent channel rejection
(offset = ±25 kHz or 50 kHz)
—-42
—
dB
—
2nd order Intercept point
—
+75
—
dBm
—
3rd order Intercept point
—
+20
—
dBm
—
RSSI dynamic range
-115
—
0
—
—
RF transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com