Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB-KW019032 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # USB-KW019032
Description  USB-KW019032 Freescale USB Dongle Development Board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB-KW019032 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  USB-KW019032 Datasheet HTML 1Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 2Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 3Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 4Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 5Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 6Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 7Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 8Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Freescale Semiconductor, Inc.
User’s Guide
© 2015 Freescale Semiconductor, Inc. All rights reserved.
1
About this document
This user’s guide describes the hardware for the Freescale
USB-KW019032 development platform.
The USB-KW019032 board is the core evaluation and
application development platform for the MKW01Z128
device, and can be used as a standalone evaluation solution
or used to develop software and applications.
The MKW01Z128 transceiver is a highly-integrated,
cost-effective, system-in-package (SiP), sub-GHz wireless
node solution with an FSK, GFSK, MSK, or OOK
modulation-capable transceiver, and a low-power ARM®
Cortex®-M0+ CPU. The highly integrated RF transceiver
operates over a wide frequency range including 315 MHz,
433 MHz, 470 MHz, 868 MHz, 915 MHz, 928 MHz, and
955 MHz in the license-free Industrial, Scientific, and
Medical (ISM) frequency bands.
1.1
Audience
This guide is intended for system designers.
Document Number: USBKW019032UG
Rev. 0, 10/2015
Contents
1. About this document . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1.Audience . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2. Safety information . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
2.1.FCC guidelines . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
2.2.Regulatory approval for Canada (IC RSS 210) . . . 3
2.3.Electrostatic discharge considerations . . . . . . . . . . 3
2.4.Disposal instructions . . . . . . . . . . . . . . . . . . . . . . . 3
3. USB-KW019032 overview and description . . . . . . . . 4
3.1.Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
3.2.Board features . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
3.3.Software and driver considerations . . . . . . . . . . . . 6
4. USB-KW019032 development board . . . . . . . . . . . . 7
4.1.USB-KW019032 board overview . . . . . . . . . . . . . 7
4.2.Functional description . . . . . . . . . . . . . . . . . . . . . . 9
4.3.Schematic, board layout, and bill of materials . . 15
5. PCB manufacturing specifications . . . . . . . . . . . . . . 23
5.1.Single PCB construction . . . . . . . . . . . . . . . . . . . 24
5.2.Panelization . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
5.3.Materials . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
5.4.Solder mask . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
5.5.Silk screen . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
5.6.Electrical PCB testing . . . . . . . . . . . . . . . . . . . . . 26
5.7.Packaging . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
5.8.Hole specification / tool table . . . . . . . . . . . . . . . 26
5.9.File description . . . . . . . . . . . . . . . . . . . . . . . . . . 26
6. Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
USB-KW019032 Freescale USB
Dongle Development Board
User’s Guide


Similar Part No. - USB-KW019032

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
USB-KW40Z FREESCALE-USB-KW40Z Datasheet
1Mb / 25P
Freescale USB Development Board USB-KW40Z Users Guide
More results

Similar Description - USB-KW019032

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
UM245R FTDI-UM245R Datasheet
659Kb / 19P
USB-Parallel FIFO Development Module Incorporating FTDIChip-ID??Security Dongle
logo
Advantech Co., Ltd.
HSPA-300 ADVANTECH-HSPA-300 Datasheet
246Kb / 1P
USB-Type HSDPA Dongle
PCM-23U1DG ADVANTECH-PCM-23U1DG_15 Datasheet
255Kb / 1P
USB Slot w/ Lock for USB Dongle
logo
Freescale Semiconductor...
FRDM-KW40Z FREESCALE-FRDM-KW40Z Datasheet
1Mb / 37P
FRDM-KW40Z Freescale Freedom Development Board
FRDM-KW019032 FREESCALE-FRDM-KW019032 Datasheet
2Mb / 31P
FRDM-KW019032 Freescale Freedom Development Board
USB-KW40Z FREESCALE-USB-KW40Z Datasheet
1Mb / 25P
Freescale USB Development Board USB-KW40Z Users Guide
logo
NXP Semiconductors
FRDMKW019032UG NXP-FRDMKW019032UG Datasheet
2Mb / 31P
FRDM-KW019032 Freescale Freedom Development Board
Rev. 0, 11/2015
logo
BUDDIES TECHNOLOGY LIMI...
STA-UI-A003D BUDDIES-STA-UI-A003D Datasheet
796Kb / 13P
USB Dongle Module
logo
Silicon Laboratories
BLED112 SILABS-BLED112 Datasheet
3Mb / 12P
BLED112 USB dongle
Version 1.4
logo
NHP Electrical Engineer...
9509-USB-DONG2 NHP-9509-USB-DONG2 Datasheet
525Kb / 1P
ROCKWELL SOFTWARE USB DONGLE
14 June 2023,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com