Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB-KW019032 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # USB-KW019032
Description  USB-KW019032 Freescale USB Dongle Development Board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB-KW019032 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button USB-KW019032 Datasheet HTML 3Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 4Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 5Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 6Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 7Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 8Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 9Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 10Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
USB-KW019032 Freescale USB Dongle Development Board , User’s Guide, Rev. 0, 10/2015
Freescale Semiconductor, Inc.
7
USB-KW019032 development board
4
USB-KW019032 development board
4.1
USB-KW019032 board overview
The USB-KW019032 is an evaluation board based on the Freescale Kinetis MKW01Z128 transceiver.
It provides a platform to evaluate the MKW01Z128 device, and to develop software and applications.
The core device is accompanied by a 32 MHz reference oscillator crystal, RF circuitry (including a chip
antenna), and supporting circuitry.
The USB-KW019032 board is intended as the core PCB for MKW01Z128 device evaluation and
application development, and it can be used as a simple standalone evaluation solution or as a packet
sniffer. This development board covers the 868 MHz, 915 MHz, and 928 MHz bands.
4.1.1
PCB features
The USB-KW019032 board has the following features:
•
USB small form factor
•
Four-layer, metal, 0.062 inch thick FR4 board
•
LGA footprint and power supply bypass
•
Chip antenna for RFIO port, and footprint for installing a (user-supplied) U.FL connector on
the RFIO port
•
32 MHz reference oscillator crystal
4.1.2
Form factor
Figure 3 shows the USB-KW019032 board’s connector and header locations.
Figure 3. USB-KW019032 board top-side (component-side) footprint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com