Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3803 Datasheet(PDF) 31 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 31 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 27Page - Microchip Technology USB3803 Datasheet HTML 28Page - Microchip Technology USB3803 Datasheet HTML 29Page - Microchip Technology USB3803 Datasheet HTML 30Page - Microchip Technology USB3803 Datasheet HTML 31Page - Microchip Technology USB3803 Datasheet HTML 32Page - Microchip Technology USB3803 Datasheet HTML 33Page - Microchip Technology USB3803 Datasheet HTML 34Page - Microchip Technology USB3803 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 99 page
background image
 2014-2015 Microchip Technology Inc.
DS00001691B-page 31
USB3803
5.3.27
REGISTER E2H: UPSTREAM BATTERY CHARGER DETECTION - BATT_CHG
Default = 0x02h
Bit Number
Bit Name
Description
7:5
ChargerType
Read Only.
This register indicates the result of the automatic charger detection. Values
reported depend on EnhancedChrgDet setting in Battery Charger Mode Regis-
ter.
If EnhancedChrgDet=1
000 = Charger Detection is not complete.
001 = DCP - Dedicated Charger Port
010 = CDP – Charging Downstream Port
011 = SDP – Standard Downstream Port
100 = Reserved
101 = Reserved
110 = Reserved
111 = Charger Detection Disabled
If EnhancedChrgDet=0
000 = Charger Detection is not complete.
001 = DCP/CDP – Dedicated Charger or Charging Downstream Port
010 = Reserved
011 = SDP – Standard Downstream Port
100 = Reserved
101 = Reserved
110 = Reserved
111 = Charger Detection Disabled
4
ChrgDetCom-
plete
Read Only.
Indicates Charger Detection has been run and is completed. This bit is negated
when START_BC_DET is asserted high.
3:2
Reserved
Reserved
1
CHG_DET_N
Single bit indication of whether an unmasked USB battery charger was detected
based on the settings in CHGDETMASK register.
0 = Write: No Effect / Read: Charger detected on last charger detection
sequence
1 = Write: Negate bit high / Read: No Charger was detected on last charger
detection sequence
0START_BC_-
DET
Manually Initiates a USB battery charger detection sequence at the time of
assertion. This bit must not be set while hub is in operation. Bit is cleared auto-
matically when the manual battery charger detection sequence is completed.
0 = Write: No Effect / Read: Battery Charger Detection Sequence Completed or
not run.
1 = Write: Start Battery Charger Detection / Read: Battery Charger Detection
Sequence is running



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com