Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3803 Datasheet(PDF) 84 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 84 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 80Page - Microchip Technology USB3803 Datasheet HTML 81Page - Microchip Technology USB3803 Datasheet HTML 82Page - Microchip Technology USB3803 Datasheet HTML 83Page - Microchip Technology USB3803 Datasheet HTML 84Page - Microchip Technology USB3803 Datasheet HTML 85Page - Microchip Technology USB3803 Datasheet HTML 86Page - Microchip Technology USB3803 Datasheet HTML 87Page - Microchip Technology USB3803 Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 99 page
background image
USB3803
DS00001691B-page 84
 2014-2015 Microchip Technology Inc.
10.10 Regulator Output Voltages and Capacitor Requirement
10.11 ESD and Latch-Up Performance
10.12 ESD Performance
The USB3803 is protected from ESD strikes. By eliminating the requirement for external ESD protection devices, board
space is conserved, and the board manufacturer is enabled to reduce cost. The advanced ESD structures integrated
into the USB3803 protect the device whether or not it is powered up.
10.12.1
HUMAN BODY MODEL (HBM) PERFORMANCE
HBM testing verifies the ability to withstand the ESD strikes like those that occur during handling and manufacturing,
and is done without power applied to the IC. To pass the test, the device must have no change in operation or perfor-
mance due to the event. All pins on the USB3803 provide ±5 kV HBM protection, as shown in Table 10-12.
10.12.2
EN 61000-4-2 PERFORMANCE
The EN 61000-4-2 ESD specification is an international standard that addresses system-level immunity to ESD strikes
while the end equipment is operational. In contrast, the HBM ESD tests are performed at the device level with the device
powered down.
Microchip contracts with Independent laboratories to test the USB3803 to EN 61000-4-2 in a working system. Reports
are available upon request. Please contact your Microchip representative, and request information on 3rd party ESD
test results. The reports show that systems designed with the USB3803 can safely provide the ESD performance shown
in without additional board level protection.
TABLE 10-11: REGULATOR OUTPUT VOLTAGES AND CAPACITOR REQUIREMENT
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Regulator Output Voltage
VDD33
5.5V > VBAT > 2.9V
2.8
3.3
3.6
V
Regulator Capacitor
CBYP33
4.7
μF
Capacitor ESR
CESR33
1
Regulator Output Voltage
VDD12
3.6V > VDD33 > 2.8V
1.2
V
Regulator Capacitor
CBYP12
1.0
μF
Capacitor ESR
CESR12
1
TABLE 10-12: ESD AND LATCH-UP PERFORMANCE
Parameter
Conditions
Min
Typ
Max
Units
Comments
ESD Performance
Human Body Model
±5
kV
Device
System
EN/IEC 61000-4-2 Contact Dis-
charge
±15
kV
3rd party system test
System
EN/IEC 61000-4-2 Air-gap Dis-
charge
±15
kV
3rd party system test
Latch-Up Performance
All Pins
EIA/JESD 78, Class II
150
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com