Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3803 Datasheet(PDF) 67 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 67 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 63Page - Microchip Technology USB3803 Datasheet HTML 64Page - Microchip Technology USB3803 Datasheet HTML 65Page - Microchip Technology USB3803 Datasheet HTML 66Page - Microchip Technology USB3803 Datasheet HTML 67Page - Microchip Technology USB3803 Datasheet HTML 68Page - Microchip Technology USB3803 Datasheet HTML 69Page - Microchip Technology USB3803 Datasheet HTML 70Page - Microchip Technology USB3803 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 99 page
background image
 2014-2015 Microchip Technology Inc.
DS00001691B-page 67
USB3803
2
NbrPorts
1
user
Number of downstream facing ports this Hub supports.
See Section 11.23.2.1 of the USB Specification for addi-
tional details regarding the use of this field.
The value reported is implementation dependent, and is
derived from the value defined during Internal Default, or
serial port load. The PORT_DIS_SP field defines the
ports that are permanently disabled when in Self-Pow-
ered operation, and the PORT_DIS_BP field defines the
ports that are permanently disabled when in Bus-Pow-
ered operation.
Internal logic will subtract the number of ports which are
disabled, from the total number available (which is 3),
and will report the remainder as the number of ports
supported. The value reported to the host must coincide
with the current operating mode, and will be determined
by the following rules.
The field used to determine the value that is reported to
the host will be:
‘PORT_DIS_BP’ if SELF_BUS_PWR = ‘0’
‘PORT_DIS_SP’ if SELF_BUS_PWR = ‘1’
3
HubCharacteristics
2
user
Defines support for Logical power switching mode,
Compound Device support, Over-current protection, TT
Think Time, and Port Indicator support, See Section
11.23.2.1 in the USB Specification for additional details
regarding the use of this field.
The values delivered to a host are all derived from val-
ues defined during Internal Default, or serial port load,
and are assigned as follows:
D1:0 = ‘00’b if PORT_PWR = ‘0’
D1:0 = ‘01’b if PORT_PWR = ‘1’
D2 = ‘COMPOUND’
D4:3 = ‘CURRENT_SNS’
D6:5 = ‘00’b for 8FS (max) bit times of TT think time.
D7 = hardcoded to ‘0’ (no Port Indicator Support)
D15:8 = ‘00000000’b
5
PwrOn2PwrGood
1
user
Time (in 2 ms intervals) from the time the power-on
sequence begins on a port until power is good on that
port. See Section 11.23.2.1 in the USB Specification.
The value contained in the ‘POWER_ON_TIME’ field is
directly reported to the host, and is determined by Inter-
nal Default, or serial port load.
TABLE 7-33:
CLASS-SPECIFIC HUB DESCRIPTOR (FULL-SPEED & HIGH-SPEED) (CONTINUED)
Offset
Field
Size
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com