Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3803 Datasheet(PDF) 50 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 50 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 46Page - Microchip Technology USB3803 Datasheet HTML 47Page - Microchip Technology USB3803 Datasheet HTML 48Page - Microchip Technology USB3803 Datasheet HTML 49Page - Microchip Technology USB3803 Datasheet HTML 50Page - Microchip Technology USB3803 Datasheet HTML 51Page - Microchip Technology USB3803 Datasheet HTML 52Page - Microchip Technology USB3803 Datasheet HTML 53Page - Microchip Technology USB3803 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 99 page
background image
USB3803
DS00001691B-page 50
 2014-2015 Microchip Technology Inc.
7.3.2
DEVICE QUALIFIER DESCRIPTOR
The following table provides the device qualifier values for High-Speed operation.
7.3.3
CONFIGURATION DESCRIPTORS
The following table provides the configuration descriptors for Full-Speed operation.
15
Product
1
yyh
If STRING_EN =0 Optional string is not supported, and
yy = 00.
If STRING_EN = 1, String support is enabled, and
yy = 02
16
SerialNumber
1
zzh
If STRING_EN =0 Optional string is not supported, and
zz = 00.
If STRING_EN = 1, String support is enabled, and
zz = 03
17
NumConfigurations
1
01h
Supports 1 configuration.
TABLE 7-6:
DEVICE QUALIFIER (HIGH-SPEED)
Offset
Field
Size
Value
Description
0
Length
1
0Ah
Size of this Descriptor.
1
DescriptorType
1
06h
Device Descriptor Type.
2
USB
2
0200h
USB Specification Release Number.
4
DeviceClass
1
09h
Class code assigned by USB-IF for Hubs.
5
DeviceSubClass
1
00h
Class code assigned by USB-IF for Hubs.
6
DeviceProtocol
1
user
Protocol code (01h if customer selects Single-TT, 02h if
customer selects Multiple-TT).
7
MaxPacketSize0
1
40h
64-byte packet size for the other speed.
8
NumConfigurations
1
01h
Supports 1 other speed configuration.
9
Reserved
1
00h
Reserved.
TABLE 7-7:
CONFIGURATION DESCRIPTOR (FULL-SPEED)
Offset
Field
Size
Value
Description
0
Length
1
09h
Size of this Descriptor.
1
DescriptorType
1
02h
Configuration Descriptor Type.
2
TotalLength
2
yyyyh
Total combined length of all descriptors for this configu-
ration (configuration, interface, endpoint, and class- or
vendor-specific).
yyyyh = 0019h
4
NumInterfaces
1
01h
Number of interfaces supported by this configuration.
TABLE 7-5:
DEVICE DESCRIPTOR (FULL-SPEED) (CONTINUED)
Offset
Field
Size
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com