Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 314 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 314 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 310Page - Microchip Technology MEC1322 Datasheet HTML 311Page - Microchip Technology MEC1322 Datasheet HTML 312Page - Microchip Technology MEC1322 Datasheet HTML 313Page - Microchip Technology MEC1322 Datasheet HTML 314Page - Microchip Technology MEC1322 Datasheet HTML 315Page - Microchip Technology MEC1322 Datasheet HTML 316Page - Microchip Technology MEC1322 Datasheet HTML 317Page - Microchip Technology MEC1322 Datasheet HTML 318Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 456 page
background image
MEC1322
DS00001719D-page 314
 2014 - 2015 Microchip Technology Inc.
27.10.4
HOW BIOEN BIT CONTROLS DIRECTION OF SPDOUT BUFFER
When the SPI is configured for Half Duplex mode or Dual Mode the SPDOUT pin operates as a bi-directional signal.
The BIOEN bit is used to determine the direction of the SPDOUT buffer when a byte is transmitted. Internally, the BIOEN
bit is sampled to control the direction of the SPDOUT buffer when the TX_DATA value is loaded into the transmit shift
register. The direction of the buffer is never changed while a byte is being transmitted.
Since the TX_DATA register may be written while a byte is being shifted out on the SPDOUT pin, the BIOEN bit does
not directly control the direction of the SPDOUT buffer. An internal DIRECTION bit, which is a latched version of the
BIOEN bit determines the direction of the SPDOUT buffer. The following list summarizes when the BIOEN bit is sam-
pled.
FIGURE 27-4:
DUAL FAST READ FLASH COMMAND
Note:
When the SPI core is used for flash commands, like the Dual Read command, the host discards the bytes
received during the command, address, and dummy byte portions of the transaction.
Rx_DATA Buffer Full (RxBF)
TX_DATA Buffer Empty (TxBE)
Write TX_Data
MCLK
BIOEN
TX_DATA
Read RX_Data
RX_DATA
Dummy Byte
BYTE 1
SPDOUT Pin
SPDIN1
SPCLKO
SPDIN2
Rx_DATA Buffer Full (RxBF)
TX_DATA Buffer Empty (TxBE)
Write TX_Data
Read RX_Data
RX_DATA
SPCLKO
SPDOUT Pin
7
6
SPDIN1
7
6
SPDIN2
Command Byte
Address [23:16]
Address Byte
[16:8]
5
4
3
2
1
0
7
6
5
4
3
2
1
0
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
7
6
5
4
3
2
1
0
1
0
7
6
5
4
3
2
7
6
5
4
3
2
1
0
1
0
7
6
5
4
3
2
1
0
Address Byte
[7:0]
BIOEN
TX_DATA
Comm
and
Address
23:16
Address
15:8
Address
7:0
MCLK
Dummy Byte
Byte 1
Byte 2
Byte 3
Byte 4
5
3
1
6
4
2
0
7
53
1
64
2
0
7
53
1
64
2
0
7
53
1
6
420
7
BYTE 2
BYTE 3
BYTE 4
6
4
2
0
6
420
6
420
6
4
20
Driven by Master
Driven by Slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com