Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 315 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 315 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 311Page - Microchip Technology MEC1322 Datasheet HTML 312Page - Microchip Technology MEC1322 Datasheet HTML 313Page - Microchip Technology MEC1322 Datasheet HTML 314Page - Microchip Technology MEC1322 Datasheet HTML 315Page - Microchip Technology MEC1322 Datasheet HTML 316Page - Microchip Technology MEC1322 Datasheet HTML 317Page - Microchip Technology MEC1322 Datasheet HTML 318Page - Microchip Technology MEC1322 Datasheet HTML 319Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 315
MEC1322
• The DIRECTION bit is equal to the BIOEN bit when data is not being shifted out (i.e., SPI interface is idle).
• The hardware samples the BIOEN bit when it is shifting out the last bit of a byte to determine if the buffer needs to
be turned around for the next byte.
• The BIOEN bit is also sampled any time the value in the TX_DATA register is loaded into the shift register to be
transmitted.
If a TAR (Turn-around time) is required between transmitting and receiving bytes on the SPDOUT signal, software
should allow all the bytes to be transmitted before changing the buffer to an input and then load the TX_DATA register
to begin receiving bytes. If TAR greater than zero is required, software must wait for the transmission in one direction
to complete before writing the TX_DATA register to start sending/receiving in the opposite direction. This allows the SPI
block to operate the same as legacy Microchip SPI devices.
27.10.5
CONFIGURING THE SPI CLOCK GENERATOR
The SPI controller generates the SPI_CLK signal to the external SPI device. The frequency of the SPI_CLK signal is
determined by one of two clock sources and the Preload value of the clock generator down counter. The clock generator
toggles the SPI_CLK output every time the counter underflows, while data is being transmitted.
The clock source to the down counter is determined by Bit CLKSRC. Either the main system clock or the 2MHz clock
can be used to decrement the down counter in the clock generator logic.
The SPI_CLK frequency is determined by the following formula:
The REFERENCE_CLOCK frequency is selected by CLKSRC in the SPI Clock Control Register and PRELOAD is the
PRELOAD field of the SPI Clock Generator Register. The frequency can be either the 48 MHz Ring Oscillator clock or
a 2MHz clock. When the PRELOAD value is 0, the REFERENCE_CLOCK is always the 48 MHz Ring Oscillator clock
and the CLKSRC bit is ignored.
Sample SPI Clock frequencies are shown in the following table:
27.10.6
CONFIGURING SPI MODE
In practice, there are four modes of operation that define when data should be latched. These four modes are the com-
binations of the SPI_CLK polarity and phase.
The output of the clock generator may be inverted to create an active high or active low clock pulse. This is used to
determine the inactive state of the SPI_CLK signal and is used for determining the first edge for shifting the data. The
polarity is selected by CLKPOL in the SPI Clock Control Register.
Note:
When the SPI interface is in the idle state and data is not being transmitted, the SPI_CLK signal stops in
the inactive state as determined by the configuration bits.
TABLE 27-7:
SPI_CLK FREQUENCIES
Clock Source
PRELOAD
SPI_CLK Frequency
Don’t Care
0
48MHz
48MHz
1
24MHz
48MHz
2
12MHz
(default)
48MHz
3
6MHz
48MHz
63
381KHz
2MHz
1
1MHz
2MHz
2
500KHz
2MHz
3
333KHz
2MHz
63
15.9KHz
SPI_CLK_FREQ=
1
2
--- REFERENCE_CLOCK
×

 PRELOAD
⁄





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com