Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 316 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 316 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 312Page - Microchip Technology MEC1322 Datasheet HTML 313Page - Microchip Technology MEC1322 Datasheet HTML 314Page - Microchip Technology MEC1322 Datasheet HTML 315Page - Microchip Technology MEC1322 Datasheet HTML 316Page - Microchip Technology MEC1322 Datasheet HTML 317Page - Microchip Technology MEC1322 Datasheet HTML 318Page - Microchip Technology MEC1322 Datasheet HTML 319Page - Microchip Technology MEC1322 Datasheet HTML 320Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 456 page
background image
MEC1322
DS00001719D-page 316
 2014 - 2015 Microchip Technology Inc.
The phase of the clock is selected independently for receiving data and transmitting data. The receive phase is deter-
mine by RCLKPH and the transmit phase is determine by TCLKPH in the SPI Clock Control Register.
The following table summarizes the effect of CLKPOL, RCLKPH and TCLKPH.
27.11 SPI Examples
27.11.1
FULL DUPLEX MODE TRANSFER EXAMPLES
27.11.1.1
Read Only
The slave device used in this example is a MAXIM MAX1080 10 bit, 8 channel ADC:
• The SPI block is activated by setting the enable bit in SPIAR - SPI Enable Register
• The SPIMODE bit is de-asserted '0' to enable the SPI interface in Full Duplex mode.
• The CLKPOL and TCLKPH bits are de-asserted '0', and RCLKPH is asserted '1' to match the clocking require-
ments of the slave device.
• The LSBF bit is de-asserted '0' to indicate that the slave expects data in MSB-first order.
• Assert CS# using a GPIO pin.
• Write a valid command word (as specified by the slave device) to the SPITD - SPI TX_Data Register with TXFE
asserted '1'. The SPI master automatically clears the TXFE bit indicating the byte has been put in the TX buffer. If
the shift register is empty the TX_DATA byte is loaded into the shift register and the SPI master reasserts the
TXFE bit. Once the data is in the shift register the SPI master begins shifting the data value onto the SPDOUT pin
and drives the SPCLK pin. Data on the SPDIN pin is also sampled on each clock.
• Once the TXFE bit is asserted the SPI Master is ready to receive its next byte. Before writing the next TX_DATA
value, software must clear the RXBF status bit by reading the SPIRD - SPI RX_Data Register.
TABLE 27-8:
SPI DATA AND CLOCK BEHAVIOR
CLKPOL
RCLKPH
TCLKPH
Behavior
0
0
0
Inactive state is low. First edge is rising edge.
Data is sampled on the rising edge.
Data is transmitted on the falling edge.
Data is valid before the first rising edge.
0
0
1
Inactive state is low. First edge is rising edge.
Data is sampled on the rising edge.
Data is transmitted on the rising edge.
0
1
0
Inactive state is low. First edge is rising edge.
Data is sampled on the falling edge.
Data is transmitted on the falling edge.
Data is valid before the first rising edge.
0
1
1
Inactive state is low. First edge is rising edge.
Data is sampled on the falling edge.
Data is transmitted on the rising edge.
1
0
0
Inactive state is high. First edge is falling edge.
Data is sampled on the falling edge.
Data is transmitted on the rising edge.
Data is valid before the first falling edge.
1
0
1
Inactive state is high. First edge is falling edge.
Data is sampled on the falling edge.
Data is transmitted on the falling edge.
1
1
0
Inactive state is high. First edge is falling edge.
Data is sampled on the rising edge.
Data is transmitted on the rising edge.
Data is valid before the first falling edge.
1
1
1
Inactive state is high. First edge is falling edge.
Data is sampled on the rising edge.
Data is transmitted on the falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com