Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 423 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 423 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 419Page - Microchip Technology MEC1322 Datasheet HTML 420Page - Microchip Technology MEC1322 Datasheet HTML 421Page - Microchip Technology MEC1322 Datasheet HTML 422Page - Microchip Technology MEC1322 Datasheet HTML 423Page - Microchip Technology MEC1322 Datasheet HTML 424Page - Microchip Technology MEC1322 Datasheet HTML 425Page - Microchip Technology MEC1322 Datasheet HTML 426Page - Microchip Technology MEC1322 Datasheet HTML 427Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 423
MEC1322
39.0 MEMORY MAP
Address
(Hex)
HW Block Instance
Name
HW Block
Instance No.
Reg. Bank Name
Reg. Instance Name
0
32K ROM
0
32K ROM
32K ROM
100000
128K SRAM
0
128K SRAM
128K SRAM
40000400
Watchdog Timer Inter-
face
0
WDT Registers
WDT Load Register
40000404
Watchdog Timer Inter-
face
0
WDT Registers
WDT Control Register
40000408
Watchdog Timer Inter-
face
0
WDT Registers
WDT Kick Register
4000040C
Watchdog Timer Inter-
face
0
WDT Registers
WDT Count Register
40000C00
Basic Timer
0
Basic_Timer_EC_Only
Timer Count
40000C04
Basic Timer
0
Basic_Timer_EC_Only
Timer Preload
40000C08
Basic Timer
0
Basic_Timer_EC_Only
Timer Status
40000C0C
Basic Timer
0
Basic_Timer_EC_Only
Timer Interrupt Enable
40000C10
Basic Timer
0
Basic_Timer_EC_Only
Timer Control
40000C20
Basic Timer
1
Basic_Timer_EC_Only
Timer Count
40000C24
Basic Timer
1
Basic_Timer_EC_Only
Timer Preload
40000C28
Basic Timer
1
Basic_Timer_EC_Only
Timer Status
40000C2C
Basic Timer
1
Basic_Timer_EC_Only
Timer Interrupt Enable
40000C30
Basic Timer
1
Basic_Timer_EC_Only
Timer Control
40000C40
Basic Timer
2
Basic_Timer_EC_Only
Timer Count
40000C44
Basic Timer
2
Basic_Timer_EC_Only
Timer Preload
40000C48
Basic Timer
2
Basic_Timer_EC_Only
Timer Status
40000C4C
Basic Timer
2
Basic_Timer_EC_Only
Timer Interrupt Enable
40000C50
Basic Timer
2
Basic_Timer_EC_Only
Timer Control
40000C60
Basic Timer
3
Basic_Timer_EC_Only
Timer Count
40000C64
Basic Timer
3
Basic_Timer_EC_Only
Timer Preload
40000C68
Basic Timer
3
Basic_Timer_EC_Only
Timer Status
40000C6C
Basic Timer
3
Basic_Timer_EC_Only
Timer Interrupt Enable
40000C70
Basic Timer
3
Basic_Timer_EC_Only
Timer Control
40000C80
Basic Timer
4
Basic_Timer_EC_Only
Timer Count
40000C84
Basic Timer
4
Basic_Timer_EC_Only
Timer Preload
40000C88
Basic Timer
4
Basic_Timer_EC_Only
Timer Status
40000C8C
Basic Timer
4
Basic_Timer_EC_Only
Timer Interrupt Enable
40000C90
Basic Timer
4
Basic_Timer_EC_Only
Timer Control
40000CA0
Basic Timer
5
Basic_Timer_EC_Only
Timer Count
40000CA4
Basic Timer
5
Basic_Timer_EC_Only
Timer Preload
40000CA8
Basic Timer
5
Basic_Timer_EC_Only
Timer Status
40000CAC
Basic Timer
5
Basic_Timer_EC_Only
Timer Interrupt Enable
40000CB0
Basic Timer
5
Basic_Timer_EC_Only
Timer Control
40001800
SMB Device Interface
0
SMB_EC_Only
Status Register
40001800
SMB Device Interface
0
SMB_EC_Only
Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com