Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 421 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 421 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 417Page - Microchip Technology MEC1322 Datasheet HTML 418Page - Microchip Technology MEC1322 Datasheet HTML 419Page - Microchip Technology MEC1322 Datasheet HTML 420Page - Microchip Technology MEC1322 Datasheet HTML 421Page - Microchip Technology MEC1322 Datasheet HTML 422Page - Microchip Technology MEC1322 Datasheet HTML 423Page - Microchip Technology MEC1322 Datasheet HTML 424Page - Microchip Technology MEC1322 Datasheet HTML 425Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 421
MEC1322
38.18 Serial Debug Port Timing
FIGURE 38-31:
SERIAL DEBUG PORT TIMING PARAMETERS
Note 38-15
When the clock divider for the embedded controller is an odd number value greater than 2h, then
tCLK-L = tCLK-H + 15 ns. When the clock divider for the embedded controller is 0h, 1h, or an even
number value greater than 2h, then tCLK-L = tCLK-H.
TABLE 38-24: SERIAL DEBUG PORT INTERFACE TIMING PARAMETERS
Name
Description
MIN
TYP
MAX
Units
fclk
TFDP Clock frequency (Note 38-15)6
-
24
MHz
tP
TFDP Clock Period.
1/fclk
μs
tOD
TFDP Data output delay after falling edge of MSCLK.
5
nsec
tOH
TFDP Data hold time after falling edge of TFDP Clock
tP - tOD
nsec
tCLK-L
TFDP Clock Low Time
tP/2 - 3
tP/2 + 3
nsec
tCLK-H TFDP Clock high Time (see Note 38-15)tP/2 - 3
tP/2 + 3
nsec
tOD
tOH
tP
tCLK-L
tCLK-H
fCLK
TFDP Clock
TFDP Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com