Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 424 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 424 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 420Page - Microchip Technology MEC1322 Datasheet HTML 421Page - Microchip Technology MEC1322 Datasheet HTML 422Page - Microchip Technology MEC1322 Datasheet HTML 423Page - Microchip Technology MEC1322 Datasheet HTML 424Page - Microchip Technology MEC1322 Datasheet HTML 425Page - Microchip Technology MEC1322 Datasheet HTML 426Page - Microchip Technology MEC1322 Datasheet HTML 427Page - Microchip Technology MEC1322 Datasheet HTML 428Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 456 page
background image
MEC1322
DS00001719D-page 424
 2014 - 2015 Microchip Technology Inc.
40001801
SMB Device Interface
0
SMB_EC_Only
Reserved
40001804
SMB Device Interface
0
SMB_EC_Only
Own Address Register
40001806
SMB Device Interface
0
SMB_EC_Only
Reserved
40001808
SMB Device Interface
0
SMB_EC_Only
Data
40001809
SMB Device Interface
0
SMB_EC_Only
Reserved
4000180C
SMB Device Interface
0
SMB_EC_Only
SMBus Master Command
Register
40001810
SMB Device Interface
0
SMB_EC_Only
SMBus Slave Command
Register
40001814
SMB Device Interface
0
SMB_EC_Only
PEC Register
40001815
SMB Device Interface
0
SMB_EC_Only
Reserved
40001818
SMB Device Interface
0
SMB_EC_Only
DATA_TIMING2
40001819
SMB Device Interface
0
SMB_EC_Only
Reserved
40001820
SMB Device Interface
0
SMB_EC_Only
Completion Register
40001824
SMB Device Interface
0
SMB_EC_Only
Idle Scaling Register
40001828
SMB Device Interface
0
SMB_EC_Only
Configuration Register
4000182C
SMB Device Interface
0
SMB_EC_Only
Bus Clock Register
4000182E
SMB Device Interface
0
SMB_EC_Only
Reserved
40001830
SMB Device Interface
0
SMB_EC_Only
Block ID Register
40001831
SMB Device Interface
0
SMB_EC_Only
Reserved
40001834
SMB Device Interface
0
SMB_EC_Only
Revision Register
40001835
SMB Device Interface
0
SMB_EC_Only
Reserved
40001838
SMB Device Interface
0
SMB_EC_Only
Bit-Bang Control Register
40001839
SMB Device Interface
0
SMB_EC_Only
Reserved
4000183C
SMB Device Interface
0
SMB_EC_Only
Clock Sync
40001840
SMB Device Interface
0
SMB_EC_Only
Data Timing Register
40001844
SMB Device Interface
0
SMB_EC_Only
Time-Out Scaling Register
40001848
SMB Device Interface
0
SMB_EC_Only
SMBus Slave Transmit
Buffer Register
40001849
SMB Device Interface
0
SMB_EC_Only
Reserved
4000184C
SMB Device Interface
0
SMB_EC_Only
SMBus Slave Receive Buf-
fer Register
4000184D
SMB Device Interface
0
SMB_EC_Only
Reserved
40001850
SMB Device Interface
0
SMB_EC_Only
SMBus Master Transmit
Bufer Register
40001851
SMB Device Interface
0
SMB_EC_Only
Reserved
40001854
SMB Device Interface
0
SMB_EC_Only
SMBus Master Receive
Buffer Register
40001855
SMB Device Interface
0
SMB_EC_Only
Reserved
40002400
DMA
0
DMA Main
DMA Main Control Register
40002401
DMA
0
DMA Main
DMA Reserved
40002404
DMA
0
DMA Main
DMA Data Register
40002410
DMA
0
DMA_CH0
DMA Activate Register
40002414
DMA
0
DMA_CH0
DMA Memory Start
Address Register
Address
(Hex)
HW Block Instance
Name
HW Block
Instance No.
Reg. Bank Name
Reg. Instance Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com