Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 417 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 417 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 413Page - Microchip Technology MEC1322 Datasheet HTML 414Page - Microchip Technology MEC1322 Datasheet HTML 415Page - Microchip Technology MEC1322 Datasheet HTML 416Page - Microchip Technology MEC1322 Datasheet HTML 417Page - Microchip Technology MEC1322 Datasheet HTML 418Page - Microchip Technology MEC1322 Datasheet HTML 419Page - Microchip Technology MEC1322 Datasheet HTML 420Page - Microchip Technology MEC1322 Datasheet HTML 421Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 417
MEC1322
38.17 Serial Peripheral Interface (SPI) Timings
FIGURE 38-24:
SPI CLOCK TIMING
Note 38-14
This timing value applies when the 48MHz ring oscillator is at its 48MHz operating frequency (with
32 kHz present after frequency lock to 48MHz).
TABLE 38-22: SPI CLOCK TIMING PARAMETERS
NAME
DESCRIPTION
MIN
TYP
MAX
UNITS
Tr
SPI Clock Rise Time. Measured
from 10% to 90%.
10% of SPCLK
Period
ns
Tf
SPI Clock Fall Time. Measured
from 90% to 10%.
10% of SPCLK
Period
ns
Th/Tl
SPI Clock High Time/SPI Clock
Low Time
40% of SPCLK
Period
50% of SPCLK
Period
60% of SPCLK
Period
ns
Tp
SPI Clock Period – As selected
by SPI Clock Generator Register
20.8 (Note 38-
14)
62492.25
ns
Tr
Tf
Th
Tl
Tp
SPICLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com