Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 416 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 416 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 412Page - Microchip Technology MEC1322 Datasheet HTML 413Page - Microchip Technology MEC1322 Datasheet HTML 414Page - Microchip Technology MEC1322 Datasheet HTML 415Page - Microchip Technology MEC1322 Datasheet HTML 416Page - Microchip Technology MEC1322 Datasheet HTML 417Page - Microchip Technology MEC1322 Datasheet HTML 418Page - Microchip Technology MEC1322 Datasheet HTML 419Page - Microchip Technology MEC1322 Datasheet HTML 420Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 456 page
background image
MEC1322
DS00001719D-page 416
 2014 - 2015 Microchip Technology Inc.
Note 1:
The BC-Link Master DATA input (tIH in Table 38-21) must be stable before next rising edge of CLK.
2:
The BC-Link Clock frequency is limited by the application usage model (see BC-Link Master Section 31.5,
Signal Description). The BC-Link Clock frequency is controlled by the BC-Link Clock Select Register. The
tc(High Speed) parameter implies both BC-link master and companion devices are located on the same cir-
cuit board and a high speed clock setting is possible.
FIGURE 38-23:
BC-LINK WRITE TIMING
TABLE 38-21: BC-LINK MASTER TIMING DIAGRAM PARAMETERS
Name
Description
MIN
TYP
MAX
Units
tc(High Speed)
High Spec BC Clock Frequency
23.5
24
24.5
MHz
High Spec BC Clock Period
40.8
41.67
42.5
ns
tOS
BC-Link Master DATA output setup time
before rising edge of CLK.
tc-tOH-
MAX
nsec
tOH
BC-Link Master Data hold time after falling
edge of CLK
10
nsec
tIS
BC-Link Master DATA input setup time
before rising edge of CLK.
15
nsec
tIH
BC-Link Master DATA input hold time after
rising edge of CLK.
0nsec
Note:
The timing budget equation is as follows for data from BC-Link slave to master:
Tc > TOD(master-clk) + Tprop(clk) +TOD(slave) + Tprop(slave data) + TIS(master).
Bit n
Bit n-1
tC
tOH
tOS
BC_DAT
BC_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com