Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 413 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 413 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 409Page - Microchip Technology MEC1322 Datasheet HTML 410Page - Microchip Technology MEC1322 Datasheet HTML 411Page - Microchip Technology MEC1322 Datasheet HTML 412Page - Microchip Technology MEC1322 Datasheet HTML 413Page - Microchip Technology MEC1322 Datasheet HTML 414Page - Microchip Technology MEC1322 Datasheet HTML 415Page - Microchip Technology MEC1322 Datasheet HTML 416Page - Microchip Technology MEC1322 Datasheet HTML 417Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 413
MEC1322
38.13 Blinking/Breathing PWM Timing
FIGURE 38-19:
BLINKING/BREATHING PWM OUTPUT TIMING
TABLE 38-18: BLINKING/BREATHING PWM TIMING PARAMETERS, BLINKING MODE
Name
Description
MIN
TYP
MAX
Units
t1
Period
7.8ms
32sec
tf
Frequency
0.03125
128
Hz
t2
High Time
0
16
sec
t3
Low Time
0
16
sec
td
Duty cycle
0
100
%
TABLE 38-19: BLINKING/BREATHING PWM TIMING PARAMETERS, GENERAL PURPOSE
Name
Description
MIN
TYP
MAX
Units
t1
Period
5.3us
21.8ms
tf
Frequency
45.8Hz
187.5kHz
t2
High Time
0
10.9
ms
t3
Low Time
0
10.9
ms
td
Duty cycle
0
100
%
t3
t1
t2
LEDx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com