Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 414 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 414 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 410Page - Microchip Technology MEC1322 Datasheet HTML 411Page - Microchip Technology MEC1322 Datasheet HTML 412Page - Microchip Technology MEC1322 Datasheet HTML 413Page - Microchip Technology MEC1322 Datasheet HTML 414Page - Microchip Technology MEC1322 Datasheet HTML 415Page - Microchip Technology MEC1322 Datasheet HTML 416Page - Microchip Technology MEC1322 Datasheet HTML 417Page - Microchip Technology MEC1322 Datasheet HTML 418Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 414 / 456 page
background image
MEC1322
DS00001719D-page 414
 2014 - 2015 Microchip Technology Inc.
38.14 I2C/SMBus Timing
FIGURE 38-20:
I2C/SMBUS TIMING
TABLE 38-20: I2C/SMBUS TIMING PARAMETERS
Symbol
Parameter
Standard-
Mode
Fast-
Mode
Fast-
Mode Plus
Units
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
fSCL
SCL Clock Frequency
100
400
1000
kHz
tBUF
Bus Free Time
4.7
1.3
0.5
µs
tSU;STA
START Condition Set-Up Time
4.7
0.6
0.26
µs
tHD;STA
START Condition Hold Time
4.0
0.6
0.26
µs
tLOW
SCL LOW Time
4.7
1.3
0.5
µs
tHIGH
SCL HIGH Time
4.0
0.6
0.26
µs
tR
SCL and SDA Rise Time
1.0
0.3
0.12
µs
tF
SCL and SDA Fall Time
0.3
0.3
0.12
µs
tSU;DAT
Data Set-Up Time
0.25
0.1
0.05
µs
tHD;DAT
Data Hold Time
0
0
0
µs
tSU;STO
STOP Condition Set-Up Time
4.0
0.6
0.26
µs
tHD;STA
tSU;STO
tSU;STA
tSU;DAT
tHIGH
tF
tR
tLOW
tHD;DAT
tHD;STA
tBUF
I2C_DATA
I2C_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com